Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39L800A-70-4C-EQE Datasheet(PDF) 9 Page - Microchip Technology

Part # SST39L800A-70-4C-EQE
Description  2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39L800A-70-4C-EQE Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST39L800A-70-4C-EQE Datasheet HTML 5Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 6Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 7Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 8Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 9Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 10Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 11Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 12Page - Microchip Technology SST39L800A-70-4C-EQE Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
© 2011 Silicon Storage Technology, Inc.
DS25001A
03/11
9
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
A Microchip Technology Company
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This pre-
vents inadvertent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39LF200A/400A/800A and SST39VF200A/400A/800A provide the JEDEC approved Soft-
ware Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program
operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to
initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g.,
during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte
sequence. This group of devices are shipped with the Software Data Protection permanently enabled.
See Table 4 for the specific software command codes. During SDP command sequence, invalid com-
mands will abort the device to Read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH,
but no other value, during any SDP command sequence.
Common Flash Memory Interface (CFI)
The SST39LF200A/400A/800A and SST39VF200A/400A/800A also contain the CFI information to
describe the characteristics of the device. In order to enter the CFI Query mode, the system must write
three-byte sequence, same as Software ID Entry command with 98H (CFI Query command) to
address 5555H in the last byte sequence. Once the device enters the CFI Query mode, the system
can read CFI data at the addresses given in Tables 5 through 9. The system must write the CFI Exit
command to return to Read mode from the CFI Query mode.
Product Identification
The Product Identification mode identifies the devices as the SST39LF/VF200A, SST39LF/VF400A
and SST39LF/VF800A and manufacturer as SST. This mode may be accessed by software operations.
Users may use the Software Product Identification operation to identify the part (i.e., using the device
ID) when using multiple manufacturers in the same socket. For details, see Table 4 for software opera-
tion, Figure 13 for the Software ID Entry and Read timing diagram, and Figure 20 for the Software ID
Entry command sequence flowchart.
Table 2: Product Identification
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST39LF/VF200A
0001H
2789H
SST39LF/VF400A
0001H
2780H
SST39LF/VF800A
0001H
2781H
T2.3 25001


Similar Part No. - SST39L800A-70-4C-EQE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39L010-55-4C-NHE MICROCHIP-SST39L010-55-4C-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-55-4C-WHE MICROCHIP-SST39L010-55-4C-WHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-55-4I-NHE MICROCHIP-SST39L010-55-4I-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-55-4I-WHE MICROCHIP-SST39L010-55-4I-WHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-70-4C-NHE MICROCHIP-SST39L010-70-4C-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
More results

Similar Description - SST39L800A-70-4C-EQE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com