Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9000 Datasheet(PDF) 18 Page - Altera Corporation

Part # MAX9000
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX9000 Datasheet(HTML) 18 Page - Altera Corporation

Back Button MAX9000 Datasheet HTML 14Page - Altera Corporation MAX9000 Datasheet HTML 15Page - Altera Corporation MAX9000 Datasheet HTML 16Page - Altera Corporation MAX9000 Datasheet HTML 17Page - Altera Corporation MAX9000 Datasheet HTML 18Page - Altera Corporation MAX9000 Datasheet HTML 19Page - Altera Corporation MAX9000 Datasheet HTML 20Page - Altera Corporation MAX9000 Datasheet HTML 21Page - Altera Corporation MAX9000 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
Altera Corporation
MAX 9000 Programmable Logic Device Family Data Sheet
The output buffer in each IOC has an adjustable output slew rate that can
be configured for low-noise or high-speed performance. A slower slew
rate reduces board-level noise and adds a nominal timing delay to the
output buffer delay (tOD) parameter. The fast slew rate should be used for
speed-critical outputs in systems that are adequately protected against
noise. Designers can specify the slew rate on a pin-by-pin basis during
design entry or assign a default slew rate to all pins on a global basis. The
slew rate control affects both rising and falling edges of the output signals.
Output
Configuration
The MAX 9000 device architecture supports the MultiVolt I/O interface
feature, which allows MAX 9000 devices to interface with systems of
differing supply voltages. The 5.0-V devices in all packages can be set for
3.3-V or 5.0-V I/O pin operation. These devices have one set of VCC pins
for internal operation and input buffers (VCCINT), and another set for I/O
output drivers (VCCIO).
The VCCINT pins must always be connected to a 5.0-V power supply.
With a 5.0-V VCCINT level, input voltages are at TTL levels and are
therefore compatible with 3.3-V and 5.0-V inputs.
Table 6. Peripheral Bus Sources
Peripheral Control
Signal
Source
EPM9320
EPM9320A
EPM9400
EPM9480
EPM9560
EPM9560A
OE0/ENA0
Row C
Row E
Row F
Row G
OE1/ENA1
Row B
Row E
Row F
Row F
OE2/ENA2
Row ARow ERow ERow E
OE3/ENA3
Row BRow BRow BRow B
OE4/ENA4
Row ARow ARow ARow A
OE5
Row DRow DRow DRow D
OE6
Row CRow CRow CRow C
OE7/CLR1
Row B/GOE
Row B/GOE
Row B/GOE
Row B/GOE
CLR0/ENA5
Row A/GCLR
Row A/GCLR
Row A/GCLR
Row A/GCLR
CLK0
GCLK1
GCLK1
GCLK1
GCLK1
CLK1
GCLK2
GCLK2
GCLK2
GCLK2
CLK2
Row DRow DRow DRow D
CLK3
Row CRow CRow CRow C


Similar Part No. - MAX9000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
1Mb / 42P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
logo
Maxim Integrated Produc...
MAX9000ESA MAXIM-MAX9000ESA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
MAX9000EUA MAXIM-MAX9000EUA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results

Similar Description - MAX9000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com