Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM88C29 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM88C29
Description  Quad Single-Ended Line Driver . Dual Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM88C29 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM88C29 Datasheet HTML 1Page - Fairchild Semiconductor MM88C29 Datasheet HTML 2Page - Fairchild Semiconductor MM88C29 Datasheet HTML 3Page - Fairchild Semiconductor MM88C29 Datasheet HTML 4Page - Fairchild Semiconductor MM88C29 Datasheet HTML 5Page - Fairchild Semiconductor MM88C29 Datasheet HTML 6Page - Fairchild Semiconductor MM88C29 Datasheet HTML 7Page - Fairchild Semiconductor MM88C29 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Typical Applications
Digital Data Transmission
Note A: Exact value depends on line length.
Note B: Optional to control response time.
Note C: VCC= 4.5V to 5.5V for the DS7820, VCC=4.5V to 15V for the DS78C20.
VCC is 3V to 15V.
Typical Data Rate vs Transmission Line Length
Note: The transmission line used was #22 gauge unshielded twisted pair
(40k termination).
Note: The curves generated assume that both drivers are driving equal
lines, and that the maximum power is 500 mW/package.


Similar Part No. - MM88C29

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM88C29J NSC-MM88C29J Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
MM88C29M NSC-MM88C29M Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
MM88C29N NSC-MM88C29N Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
More results

Similar Description - MM88C29

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM78C29 NSC-MM78C29 Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
logo
Motorola, Inc
MC3481 MOTOROLA-MC3481 Datasheet
246Kb / 5P
   QUAD SINGLE ENDED LINE DRIVER
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com