Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MM88C29 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM88C29
Description  Quad Single-Ended Line Driver . Dual Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM88C29 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics application note
AN-90 (CMOS Logic Databook).
AC Test Circuits
FIGURE 1.
FIGURE 2.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time to
Logical “1” or “0”
(See Figure 1)
MM88C29
VCC = 5V
80
200
ns
VCC = 10V
35
100
ns
MM88C30
VCC = 5V
110
350
ns
VCC = 10V
50
150
ns
tpd
Differential Propagation Delay
RL = 100Ω, CL = 5000 pF
Time to Logical “1” or “0”
(See Figure 2)
MM88C30
VCC = 5V
400
ns
VCC = 10V
150
ns
CIN
Input Capacitance
MM88C29
(Note 3)
5.0
pF
MM88C30
(Note 3)
5.0
pF
CPD
Power Dissipation Capacitance
MM88C29
(Note 3)
150
pF
MM88C30
(Note 3)
200
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn