Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MM88C29 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MM88C29
Description  Quad Single-Ended Line Driver . Dual Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM88C29 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics tables provide conditions
for actual device operation.
Note 2: AC Parameters are guaranteed by DC correlated testing.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Voltage at Any Pin (Note 2)
−0.3V to V
CC +16V
Operating Temperature Range
−40°C to +85°C
Storage Temperature
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Absolute Maximum VCC
18V
Average Current at Output
MM88C30
50 mA
MM88C29
25 mA
Maximum Junction Temperature, Tj
150
°C
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
8
V
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1
−0.005
µA
ICC
Supply Current
VCC = 5V
0.05
100
mA
OUTPUT DRIVE
ISOURCE
Output Source Current
VOUT = VCC − 1.6V,
VCC ≥ 4.75V, Tj = 25°C
−47
−80
mA
Tj = 85°C
−32
−60
mA
MM88C29
VOUT = VCC − 0.8V
−2
−20
mA
MM88C30
VCC ≥ 4.5V
ISINK
Output Sink Current
VOUT = 0.4V, VCC = 4.75V,
Tj = 25°C9.5
22
mA
Tj = 85°C8
18
mA
VOUT = 0.4V, VCC = 10V,
Tj = 25°C19
40
mA
Tj = 125°C
15.5
33
mA
ISOURCE
Output Source Resistance
VOUT = VCC − 1.6V,
VCC ≥ 4.75V, Tj = 25°C20
34
Tj = 85°C27
50
ISINK
Output Sink Resistance
VOUT = 0.4V, VCC = 4.75V,
Tj = 25°C18
41
Tj = 85°C22
50
VOUT = 0.4V, VCC = 10V,
Tj = 25°C10
21
Tj = 85°C12
26
Output Resistance
Temperature Coefficient
Source
0.55
%/
°C
Sink
0.40
%/
°C
θ
JA
Thermal Resistance
150
°C/W
(N-Package)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn