Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CGX50 Datasheet(PDF) 18 Page - Altera Corporation

Part # EP4CGX50
Description  1. Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX50 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP4CGX50 Datasheet HTML 14Page - Altera Corporation EP4CGX50 Datasheet HTML 15Page - Altera Corporation EP4CGX50 Datasheet HTML 16Page - Altera Corporation EP4CGX50 Datasheet HTML 17Page - Altera Corporation EP4CGX50 Datasheet HTML 18Page - Altera Corporation EP4CGX50 Datasheet HTML 19Page - Altera Corporation EP4CGX50 Datasheet HTML 20Page - Altera Corporation EP4CGX50 Datasheet HTML 21Page - Altera Corporation EP4CGX50 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
1–18
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
Supported I/O
Standards
1.4 V PCML,
1.5 V PCML,
2.5 V PCML,
LVPECL, LVDS
Data rate (F324 and
smaller package)
600
2500
600
2500
600
2500
Mbps
Data rate (F484 and
larger package)
600
3125
600
3125
600
2500
Mbps
Absolute VMAX for a
receiver pin (3)
1.6
1.6
1.6
V
Operational VMAX for
a receiver pin
1.5
1.5
1.5
V
Absolute VMIN for a
receiver pin
0.4
0.4
0.4
V
Peak-to-peak
differential input
voltage VID (diff p-p)
VICM = 0.82 V
setting, Data Rate
= 600 Mbps to
3.125 Gbps
0.1
2.7
0.1
2.7
0.1
2.7
V
VICM
VICM = 0.82 V
setting
820 ±
10%
——
820 ±
10%
——
820 ±
10%
—mV
Differential on-chip
termination resistors
100
 setting
100
100
100
150
 setting
150
150
150
Differential and
common mode
return loss
PIPE, Serial
Rapid I/O SR,
SATA, CPRI LV,
SDI, XAUI
Compliant
Programmable ppm
detector (4)
± 62.5, 100, 125, 200,
250, 300
ppm
Clock data recovery
(CDR) ppm
tolerance (without
spread-spectrum
clocking enabled)
——
±300 (5),
±350
(6), (7)
——
±300
(5),
±350
(6), (7)
——
±300
(5),
±350
(6), (7)
ppm
CDR ppm tolerance
(with synchronous
spread-spectrum
clocking enabled) (8)
——
350 to
–5350
(7), (9)
——
350 to
–5350
(7), (9)
——
350 to
–5350
(7), (9)
ppm
Run length
80
80
80
UI
Programmable
equalization
No Equalization
1.5
1.5
1.5
dB
Medium Low
4.5
4.5
4.5
dB
Medium High
5.5
5.5
5.5
dB
High
——
7
7
——
7
dB
Signal detect/loss
threshold
PIPE mode
65
175
65
175
65
175
mV
Table 1–21. Transceiver Specification for Cyclone IV GX Devices (Part 2 of 4)
Symbol/
Description
Conditions
C6
C7, I7
C8
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP4CGX50

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX50 ALTERA-EP4CGX50 Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX50 ALTERA-EP4CGX50 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX50 ALTERA-EP4CGX50 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX50 ALTERA-EP4CGX50 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX50 ALTERA-EP4CGX50 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CGX50

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com