Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39V400A-55-4I-EQE Datasheet(PDF) 11 Page - Microchip Technology

Part # SST39V400A-55-4I-EQE
Description  2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39V400A-55-4I-EQE Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST39V400A-55-4I-EQE Datasheet HTML 7Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 8Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 9Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 10Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 11Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 12Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 13Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 14Page - Microchip Technology SST39V400A-55-4I-EQE Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
© 2011 Silicon Storage Technology, Inc.
DS25001A
03/11
11
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
A Microchip Technology Company
4. SAX for Sector-Erase; uses AMS-A11 address lines
BAX for Block-Erase; uses AMS-A15 address lines
5. The device does not remain in Software Product ID mode if powered down.
6. With AMS-A1 = 0;
SST Manufacturer’s ID = 00BFH, is read with A0 =0,
SST39LF/VF200A Device ID = 2789H, is read with A0 =1.
SST39LF/VF400A Device ID = 2780H, is read with A0 =1.
SST39LF/VF800A Device ID = 2781H, is read with A0 =1.
7. Both Software ID Exit operations are equivalent
Table 5: CFI Query Identification String1 for SST39LF200A/400A/800A and
SST39VF200A/400A/800A
1. Refer to CFI publication 100 for more details.
Address
Data
Data
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0001H
Primary OEM command set
14H
0007H
15H
0000H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM extended Table (00H = none exits)
1AH
0000H
T5.0 25001
Table 6: System Interface Information for SST39LF200A/400A/800A and SST39VF200A/
400A/800A
Address
Data
Data
1BH
0027H1
1. 0030H for SST39LF200A/400A/800A and 0027H for SST39VF200A/400A/800A
VDD Min (Program/Erase)
0030H1
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min (00H = no VPP pin)
1EH
0000H
VPP max (00H = no VPP pin)
1FH
0004H
Typical time out for Word-Program 2N µs (24 =16µs)
20H
0000H
Typical time out for min size buffer program 2N µs (00H = not supported)
21H
0004H
Typical time out for individual Sector/Block-Erase 2N ms (24 =16ms)
22H
0006H
Typical time out for Chip-Erase 2N ms (26 =64ms)
23H
0001H
Maximum time out for Word-Program 2N times typical (21 x24 =32µs)
24H
0000H
Maximum time out for buffer program 2N times typical
25H
0001H
Maximum time out for individual Sector/Block-Erase 2N times typical (21 x24 =32ms)
26H
0001H
Maximum time out for Chip-Erase 2N times typical (21 x26 = 128 ms)
T6.2 25001


Similar Part No. - SST39V400A-55-4I-EQE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39V010-55-4C-NHE MICROCHIP-SST39V010-55-4C-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39V010-55-4C-WHE MICROCHIP-SST39V010-55-4C-WHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39V010-55-4I-NHE MICROCHIP-SST39V010-55-4I-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39V010-55-4I-WHE MICROCHIP-SST39V010-55-4I-WHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39V010-70-4C-NHE MICROCHIP-SST39V010-70-4C-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
More results

Similar Description - SST39V400A-55-4I-EQE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com