Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CGX15 Datasheet(PDF) 31 Page - Altera Corporation

Part # EP4CGX15
Description  1. Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX15 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP4CGX15 Datasheet HTML 27Page - Altera Corporation EP4CGX15 Datasheet HTML 28Page - Altera Corporation EP4CGX15 Datasheet HTML 29Page - Altera Corporation EP4CGX15 Datasheet HTML 30Page - Altera Corporation EP4CGX15 Datasheet HTML 31Page - Altera Corporation EP4CGX15 Datasheet HTML 32Page - Altera Corporation EP4CGX15 Datasheet HTML 33Page - Altera Corporation EP4CGX15 Datasheet HTML 34Page - Altera Corporation EP4CGX15 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–31
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Table 1–34. True LVDS Transmitter Timing Specifications for Cyclone IV Devices (1), (3)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
MinMax
MinMax
MinMax
MinMax
MinMax
fHSCLK (input
clock
frequency)
×10
5
42053705320
53205250
MHz
×8
5
42053705320
53205250
MHz
×7
5
42053705320
53205250
MHz
×4
5
42053705320
53205250
MHz
×2
5
42053705320
53205250
MHz
×1
5
420
5
402.5
5
402.5
5
362
5
265
MHz
HSIODR
×10
100
840
100
740
100
640
100
640
100
500
Mbps
×8
80
840
80
740
80
640
80
640
80
500
Mbps
×7
70
840
70
740
70
640
70
640
70
500
Mbps
×4
40
840
40
740
40
640
40
640
40
500
Mbps
×2
20
840
20
740
20
640
20
640
20
500
Mbps
×1
10
420
10
402.5
10
402.5
10
362
10
265
Mbps
tDUTY
45
55
4555
45
554555
4555
%
TCCS
200
200
200
200
200
ps
Output jitter
(peak to peak)
500—
500—
550
600—
700
ps
tLOCK (2)
1—
1—
1—
1—
1
ms
Notes to Table 1–34:
(1) Cyclone IV E—true LVDS transmitter is only supported at the output pin of Row I/O Banks 1, 2, 5, and 6.
Cyclone IV GX—true LVDS transmitter is only supported at the output pin of Row I/O Banks 5 and 6.
(2) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(3) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.
Table 1–35. Emulated LVDS Transmitter Timing Specifications for Cyclone IV Devices (1), (3) (Part 1 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
fHSCLK (input
clock
frequency)
×10
5
320
5
320
5
275
5
275
5
250
MHz
×8
5
320
5
320
5
275
5
275
5
250
MHz
×7
5
320
5
320
5
275
5
275
5
250
MHz
×4
5
320
5
320
5
275
5
275
5
250
MHz
×2
5
320
5
320
5
275
5
275
5
250
MHz
×1
5
402.55402.55402.5
5
362
5
265
MHz
HSIODR
×10
100
640
100
640
100
550
100
550
100
500
Mbps
×8
80
640
80
640
80
550
80
550
80
500
Mbps
×7
70
640
70
640
70
550
70
550
70
500
Mbps
×4
40
640
40
640
40
550
40
550
40
500
Mbps
×2
20
640
20
640
20
550
20
550
20
500
Mbps
×1
10
402.5
10
402.5
10
402.5
10
362
10
265
Mbps


Similar Part No. - EP4CGX15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX15 ALTERA-EP4CGX15 Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX15 ALTERA-EP4CGX15 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX15 ALTERA-EP4CGX15 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX15 ALTERA-EP4CGX15 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX15 ALTERA-EP4CGX15 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CGX15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com