Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM80C95 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MM80C95
Description  3-STATE Hex Buffers 3-STATE Hex Inverters
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM80C95 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM80C95 Datasheet HTML 1Page - Fairchild Semiconductor MM80C95 Datasheet HTML 2Page - Fairchild Semiconductor MM80C95 Datasheet HTML 3Page - Fairchild Semiconductor MM80C95 Datasheet HTML 4Page - Fairchild Semiconductor MM80C95 Datasheet HTML 5Page - Fairchild Semiconductor MM80C95 Datasheet HTML 6Page - Fairchild Semiconductor MM80C95 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005907.prf
www.fairchildsemi.com
MM80C95 • MM80C97 • MM80C98
3-STATE Hex Buffers • 3-STATE Hex Inverters
General Description
The MM80C95, MM80C97 and MM80C98 gates are mono-
lithic complementary MOS (CMOS) integrated circuits con-
structed with N- and P-channel enhancement mode
transistors. The MM80C95 and the MM80C97 convert
CMOS or TTL outputs to 3-STATE outputs with no logic
inversion, the MM80C98 provides the logical opposite of
the input signal. The MM80C95 has common 3-STATE
controls for all six devices. The MM80C97 and the
MM80C98 have two 3-STATE controls; one for two devices
and one for the other four devices. Inputs are protected
from damage due to static discharge by diode clamps to
VCC and GND.
Features
s Wide supply voltage range:
3.0V to 15V
s Guaranteed noise margin: 1.0V
s High noise immunity: 0.45 VCC (typ.)
s TTL compatible: Drive 1 TTL Load
Applications
• Bus drivers:
Typical propagation delay into 150 pF load
is 40 ns
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP
MM80C95
Top View
MM80C97
Top View
MM80C98
Top View
Order Number
Package Number
Package Description
MM80C95N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM80C97M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM80C97N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM80C98N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn