Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM80C95 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM80C95
Description  3-STATE Hex Buffers 3-STATE Hex Inverters
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM80C95 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM80C95 Datasheet HTML 1Page - Fairchild Semiconductor MM80C95 Datasheet HTML 2Page - Fairchild Semiconductor MM80C95 Datasheet HTML 3Page - Fairchild Semiconductor MM80C95 Datasheet HTML 4Page - Fairchild Semiconductor MM80C95 Datasheet HTML 5Page - Fairchild Semiconductor MM80C95 Datasheet HTML 6Page - Fairchild Semiconductor MM80C95 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, unless otherwise noted.
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: Capacitance is guaranteed by periodic testing.
Note 6: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics application note
AN-90.
AC Test Circuits and Switching Time Waveforms
tpd0, tpd1
CMOS to CMOS
t1H and tH1
t1H
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0, tpd1
Propagation Delay Time to a Logical “0” or
Logical “1” from Data Input to Output
MM80C95, MM80C97
VCC = 5V
60
100
ns
VCC = 10V
25
40
ns
MM80C98
VCC = 5V
70
150
ns
VCC = 10V
35
75
ns
tpd0, tpd1
Propagation Delay Time to a Logical “0” or
Logical “1” from Data Input to Output
MM80C95, MM80C97
VCC = 5V, CL = 150 pF
85
160
ns
VCC = 10V, CL = 150 pF
40
80
ns
MM80C98
VCC = 5V, CL = 150 pF
95
210
ns
VCC = 10V, CL = 150 pF
45
110
ns
t1H, t0H
Delay from Disable Input to High Impedance RL = 10k, CL = 5 pF
State, (from Logical “1” or Logical “0”)
MM80C95
VCC = 5V
80
135
ns
VCC = 10V
50
90
ns
MM80C97
VCC = 5V
70
125
ns
VCC = 10V
50
90
ns
MM80C98
VCC = 5V
90
170
ns
VCC = 10V
70
125
ns
tH1, tH0
Delay from Disable Input to Logical “1” Level RL = 10k, CL = 50 pF
(from High Impedance State)
MM80C95
VCC = 5V
120
200
ns
VCC = 10V
50
90
ns
MM80C96
VCC = 5V
130
225
ns
VCC = 10V
60
110
ns
MM80C98
VCC = 5V
120
200
ns
VCC = 10V
50
90
ns
CIN
Input Capacitance
Any Input (Note 5)
5.0
pF
COUT
Output Capacitance 3-STATE
Any Output (Note 5)
11
pF
CPD
Power Dissipation Capacitance
(Note 6)
60
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn