Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM80C95 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MM80C95
Description  3-STATE Hex Buffers 3-STATE Hex Inverters
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM80C95 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM80C95 Datasheet HTML 1Page - Fairchild Semiconductor MM80C95 Datasheet HTML 2Page - Fairchild Semiconductor MM80C95 Datasheet HTML 3Page - Fairchild Semiconductor MM80C95 Datasheet HTML 4Page - Fairchild Semiconductor MM80C95 Datasheet HTML 5Page - Fairchild Semiconductor MM80C95 Datasheet HTML 6Page - Fairchild Semiconductor MM80C95 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Note 3: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the device should be operated
at these limits. The table of “Electrical Characteristics” provides conditions
for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Power Supply Voltage (VCC)18V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5V
4.5
V
VCC = 10V
9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5V
0.5
V
VCC = 10V
1.0
V
IIN(1)
Logical “1” Input Current
VCC = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
−1.0
−0.005
µA
IOZ
Output Current in High
VCC = 15V, VO = 15V
0.005
1.0
µA
Impedance State
VCC = 15V, VO = 0V
−1.0
−0.005
µA
ICC
Supply Current
VCC = 15V
0.01
15
µA
TTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V,
2.4
V
IO = −1.6 mA
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V,
0.4
V
IO = 1.6 mA
OUTPUT DRIVE (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5V, VIN(1) = 5V
−4.35
mA
TA = 25°C, VOUT = 0V
ISOURCE
Output Source Current
VCC = 10V, VIN(1) = 10V
−20
mA
TA = 25°C, VOUT = 0V
ISINK
Output Sink Current
VCC = 5V, VIN(0) = 0V
4.35
mA
TA = 25°C, VOUT = VCC
ISINK
Output Sink Current
VCC = 10V, VIN(0) = 0V
20
mA
TA = 25°C, VOUT = VCC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn