Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT240 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HCT240
Description  Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT240 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HCT240 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS005365
www.fairchildsemi.com
February 1984
Revised July 1999
MM74HCT240 • MM74HCT244
Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
General Description
The MM74HCT240 and MM74HCT244 3-STATE buffers
utilize advanced silicon-gate CMOS technology and are
general purpose high speed inverting and non-inverting
buffers. They possess high drive current outputs which
enable high speed operation even when driving large bus
capacitances. These circuits achieve speeds comparable
to low power Schottky devices, while retaining the low
power consumption of CMOS. All three devices are TTL
input compatible and have a fanout of 15 LS-TTL equiva-
lent inputs.
MM74HCT devices are intended to interface between TTL
and NMOS components and standard CMOS devices.
These parts are also plug-in replacements for LS-TTL
devices and can be used to reduce power consumption in
existing designs.
The
MM74HCT240
is
an
inverting
buffer
and
the
MM74HCT244 is a non-inverting buffer. Each device has
two active low enables (1G and 2G), and each enable inde-
pendently controls 4 buffers.
All inputs are protected from damage due to static dis-
charge by diodes to VCC and Ground.
Features
s TTL input compatible
s Typical propagation delay: 14 ns
s 3-STATE outputs for connection to system buses
s Low quiescent current: 80
µA
s High output drive current: 6 mA (min)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
MM74HCT240
Top View
MM74HCT244
Order Number
Package Number
Package Description
MM74HCT240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HCT240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT240N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74HCT244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HCT244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT244N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74HCT240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HCT240 ONSEMI-MM74HCT240 Datasheet
215Kb / 10P
   Inverting Octal 3-STATE Buffer
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT240MTC FAIRCHILD-MM74HCT240MTC Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HCT240MTC ONSEMI-MM74HCT240MTC Datasheet
215Kb / 10P
   Inverting Octal 3-STATE Buffer
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT240N FAIRCHILD-MM74HCT240N Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
More results

Similar Description - MM74HCT240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_07 Datasheet
283Kb / 11P
   MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240 Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com