Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3019-F-GT Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI3019-F-GT
Description  PCM highway data interface law A-law companding SPI control interface GCl interface
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3019-F-GT Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI3019-F-GT Datasheet HTML 7Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 8Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 9Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 10Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 11Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 12Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 13Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 14Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
Si3050 + Si3018/19
Rev. 1.31
11
Figure 3. SPI Timing Diagram
Table 7. Switching Characteristics—Serial Peripheral Interface
(VIO = 3.0 to 3.6 V, TA = 0 to 70 °C for K-Grade, CL = 20 pF)
Parameter*
Symbol
Test
Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
61.03
ns
Rise Time, SCLK
tr
25
ns
Fall Time, SCLK
tf
25
ns
Delay Time, SCLK Fall to SDO Active
td1
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
ns
Hold Time, SCLK to CS Rise
th1
20
ns
Setup Time, SDI to SCLK Rise
tsu2
25
ns
Hold Time, SCLK Rise to SDI Transition
th2
20
ns
Delay time between chip selects
tcs
220
ns
Propagation Delay, SDI to SDITHRU
6
ns
*Note: All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH =VD – 0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
SDO
SDI
SCLK
t
su1
t
su2
t
h2
t
d2
t
d1
t
d3
t
h1
CS
t
f
t
r
t
c
t
cs


Similar Part No. - SI3019-F-GT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3019-F-GT SILABS-SI3019-F-GT Datasheet
905Kb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3019-F-GT SKYWORKS-SI3019-F-GT Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3019-F-GT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
   Square-law compression amplifiers
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com