Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C669-MT Datasheet(PDF) 65 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 65 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 61Page - Microchip Technology FDC37C669-MT Datasheet HTML 62Page - Microchip Technology FDC37C669-MT Datasheet HTML 63Page - Microchip Technology FDC37C669-MT Datasheet HTML 64Page - Microchip Technology FDC37C669-MT Datasheet HTML 65Page - Microchip Technology FDC37C669-MT Datasheet HTML 66Page - Microchip Technology FDC37C669-MT Datasheet HTML 67Page - Microchip Technology FDC37C669-MT Datasheet HTML 68Page - Microchip Technology FDC37C669-MT Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 162 page
background image
65
The values change with the data rate speed selection
and are documented in Table 30. The
values are the same for MFM and FM.
Table 28 - Drive Control Delays (ms)
HUT
SRT
2M
1M
500K
300K
250K
2M
1M
500K
300K
250K
0
1
..
E
F
64
4
..
56
60
128
8
..
112
120
256
16
..
224
240
426
26.7
..
373
400
512
32
..
448
480
4
3.75
..
0.5
0.25
8
7.5
..
1
0.5
16
15
..
2
1
26.7
25
..
3.33
1.67
32
30
..
4
2
HLT
2M
1M
500K
300K
250K
00
01
02
..
7F
7F
64
0.5
1
..
63
63.5
128
1
2
..
126
127
256
2
4
..
252
254
426
3.3
6.7
..
420
423
512
4
8
.
504
508
The choice of DMA or non-DMA operations is made by
the ND bit. When this bit is "1", the non-DMA mode is
selected, and when ND is "0", the DMA mode is selected.
In DMA mode, data transfers are signaled by the FDRQ
pin. Non-DMA mode uses the RQM bit and the FINT pin
to signal data transfers.
Configure
The Configure command is issued to select the special
features of the FDC. A Configure command need not be
issued if the default values of the FDC meet the system
requirements.
Configure Default Values:
EIS - No Implied Seeks
EFIFO - FIFO Disabled
POLL - Polling Enabled
FIFOTHR - FIFO Threshold Set to 1 Byte
PRETRK - Pre-Compensation Set to Track 0
EIS - Enable Implied Seek. When set to "1", the FDC will
perform a Seek operation before executing a read or write
command. Defaults to no implied seek.
EFIFO - A "1" disables the FIFO (default). This means
data transfers are asked for on a byte-by-byte basis.
Defaults to "1", FIFO disabled. The threshold defaults to
"1".
POLL - Disable polling of the drives.
Defaults to "0",
polling enabled.
When enabled, a single interrupt is
generated after a reset. No polling is performed while the
drive head is loaded and the head unload delay has not
expired.
FIFOTHR - The FIFO threshold in the execution phase of
read or write commands. This is programmable from 1 to
16 bytes. Defaults to one byte. A "00" selects one byte;
"0F" selects 16 bytes.


Similar Part No. - FDC37C669-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Agilent(Hewlett-Packard...
FDC37C669FR HP-FDC37C669FR Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results

Similar Description - FDC37C669-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com