Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C669-MT Datasheet(PDF) 33 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 33 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 29Page - Microchip Technology FDC37C669-MT Datasheet HTML 30Page - Microchip Technology FDC37C669-MT Datasheet HTML 31Page - Microchip Technology FDC37C669-MT Datasheet HTML 32Page - Microchip Technology FDC37C669-MT Datasheet HTML 33Page - Microchip Technology FDC37C669-MT Datasheet HTML 34Page - Microchip Technology FDC37C669-MT Datasheet HTML 35Page - Microchip Technology FDC37C669-MT Datasheet HTML 36Page - Microchip Technology FDC37C669-MT Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 162 page
background image
33
CONFIGURATION CONTROL REGISTER (CCR)
Address 3F7 WRITE ONLY
PC/AT and PS/2 Modes
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller.
See Table 13 for the appropriate values.
BIT 2 - 7 RESERVED
Should be set to a logical "0"
PS/2 Model 30 Mode
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller.
See Table 13 for the appropriate values.
BIT 2 NO PRECOMPENSATION
This bit can be set by software, but it has no functionality.
It can be read by bit 2 of the DSR when in Model 30
register mode. Unaffected by software reset.
BIT 3 - 7 RESERVED
Should be set to a logical "0"
Table 13 shows the state of the DENSEL pin. The
DENSEL pin is set high after a hardware reset and is
unaffected by the DOR and the DSR resets.
7
6
5
4
3
2
1
0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0
7
6
5
4
3
2
1
0
NOPREC DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0


Similar Part No. - FDC37C669-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Agilent(Hewlett-Packard...
FDC37C669FR HP-FDC37C669FR Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results

Similar Description - FDC37C669-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com