Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C669-MT Datasheet(PDF) 24 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 24 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 20Page - Microchip Technology FDC37C669-MT Datasheet HTML 21Page - Microchip Technology FDC37C669-MT Datasheet HTML 22Page - Microchip Technology FDC37C669-MT Datasheet HTML 23Page - Microchip Technology FDC37C669-MT Datasheet HTML 24Page - Microchip Technology FDC37C669-MT Datasheet HTML 25Page - Microchip Technology FDC37C669-MT Datasheet HTML 26Page - Microchip Technology FDC37C669-MT Datasheet HTML 27Page - Microchip Technology FDC37C669-MT Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 162 page
background image
24
TAPE DRIVE REGISTER (TDR)
Address 3F3 READ/WRITE
This register is included for 82077 software compatability.
The
robust
digital
data
separator
used
in
the
FDC37C669 does not require its characteristics modified
for tape support. The contents of this register are not
used internal to the device. The TDR is unaffected by a
software reset.
Bits 2-7 are tri-stated when read in this
mode.
Table 4- Tape Select Bits
Table 5 - Internal 4 Drive Decode - Normal
DIGITAL OUTPUT REGISTER
DRIVE SELECT OUTPUTS
(ACTIVE LOW)
MOTOR ON OUTPUTS
(ACTIVE LOW)
Bit 7
Bit 6
Bit 5
Bit 4
Bit1
Bit 0
nDS3
nDS2
nDS1
nDS0
nMTR3
nMTR2
nMTR1
nMTR0
X
X
X
1
0
0
1
1
1
0
nBIT 7
nBIT 6
nBIT 5
nBIT 4
X
X
1
X
0
1
1
1
0
1
nBIT 7
nBIT 6
nBIT 5
nBIT 4
X
1
X
X
1
0
1
0
1
1
nBIT 7
nBIT 6
nBIT 5
nBIT 4
1
X
X
X
1
1
0
1
1
1
nBIT 7
nBIT 6
nBIT 5
nBIT 4
0
0
0
0
X
X
1
1
1
1
nBIT 7
nBIT 6
nBIT 5
nBIT 4
Table 6 - Internal 4 Drive Decode - Drives 0 and 1 Swapped
DIGITAL OUTPUT REGISTER
DRIVE SELECT OUTPUTS
(ACTIVE LOW)
MOTOR ON OUTPUTS
(ACTIVE LOW)
Bit 7
Bit 6
Bit 5
Bit 4
Bit1
Bit 0
nDS3
nDS2
nDS1
nDS0
nMTR3
nMTR2
nMTR1
nMTR0
X
X
X
1
0
0
1
1
0
1
nBIT 7
nBIT 6
nBIT 4
nBIT 5
X
X
1
X
0
1
1
1
1
0
nBIT 7
nBIT 6
nBIT 4
nBIT 5
X
1
X
X
1
0
1
0
1
1
nBIT 7
nBIT 6
nBIT 4
nBIT 5
1
X
X
X
1
1
0
1
1
1
nBIT 7
nBIT 6
nBIT 4
nBIT 5
0
0
0
0
X
X
1
1
1
1
nBIT 7
nBIT 6
nBIT 4
nBIT 5
TAPE SEL1
TAPE SEL2
DRIVE
SELECTED
0
0
1
1
0
1
0
1
None
1
2
3


Similar Part No. - FDC37C669-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Agilent(Hewlett-Packard...
FDC37C669FR HP-FDC37C669FR Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results

Similar Description - FDC37C669-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com