Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8431BB-C-IS1 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8431BB-C-IS1
Description  High-speed operation DC to 150 Mbps No start-up initialization required
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8431BB-C-IS1 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8431BB-C-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 9Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 10Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 11Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 12Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 13Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 14Page - Silicon Laboratories SI8431BB-C-IS1 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Si8430/31/35
Rev. 1.5
11
Si843xBx
Maximum Data Rate
0—
150
Mbps
Minimum Pulse Width
——
6.0
ns
Propagation Delay
tPHL, tPLH
See Figure 2
3.0
6.0
9.5
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
1.5
2.5
ns
Propagation Delay Skew2
tPSK(P-P)
—2.0
3.0
ns
Channel-Channel Skew
tPSK
—0.5
1.8
ns
All Models
Output Rise Time
tr
CL =15pF
See Figure 2
—4.3
6.1
ns
Output Fall Time
tf
CL =15pF
See Figure 2
—3.0
4.3
ns
Common Mode Transient
Immunity
CMTI
VI =VDD or 0 V
25
kV/µs
Enable to Data Valid3
ten1
See Figure 1
5.0
8.0
ns
Enable to Data Tri-State3
ten2
See Figure 1
7.0
9.2
ns
Start-up Time3,4
tSU
—15
40
µs
Table 4. Electrical Characteristics (Continued)
(VDD1 = 3.3 V ±10%, VDD2 = 3.3 V ±10%, TA = –40 to 125 ºC; applies to narrow and wide-body SOIC packages)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. See "3. Errata and Design Migration Guidelines" on page 25 for more details.
4. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8431BB-C-IS1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8431BB-C-IS1 SKYWORKS-SI8431BB-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results

Similar Description - SI8431BB-C-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Micross Components
HMC128 MICROSS-HMC128 Datasheet
851Kb / 9P
   No DC Bias Required
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
   No DC Bias Required
logo
Maxim Integrated Produc...
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
   No DC-Blocking Capacitors Required
Rev. 0; 7/02
logo
UMC Corporation
UM6104 UMC-UM6104 Datasheet
312Kb / 6P
   fully static operation, no clock or refreshing required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
logo
Hexawave, Inc
HWS540 HW-HWS540 Datasheet
52Kb / 3P
   No external DC blocking capacitors required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com