Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS1900 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # PCS1900
Description  Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

PCS1900 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button PCS1900 Datasheet HTML 3Page - Silicon Laboratories PCS1900 Datasheet HTML 4Page - Silicon Laboratories PCS1900 Datasheet HTML 5Page - Silicon Laboratories PCS1900 Datasheet HTML 6Page - Silicon Laboratories PCS1900 Datasheet HTML 7Page - Silicon Laboratories PCS1900 Datasheet HTML 8Page - Silicon Laboratories PCS1900 Datasheet HTML 9Page - Silicon Laboratories PCS1900 Datasheet HTML 10Page - Silicon Laboratories PCS1900 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Aero I
Rev. 1.0
7
Figure 1. SCLK Timing Diagram
Figure 2. PDN Timing Diagram
Figure 3. Serial Interface Write Timing Diagram
Figure 4. Serial Interface Read Timing Diagram
SCLK
80%
20%
50%
t
R
t
F
t
LO
t
CLK
t
HI
PDN
80%
20%
t
PR
t
PF
80%
50%
20%
80%
50%
20%
80%
50%
20%
D17
D16
A0
t
R
t
W1
t
EN 2
t
F
t
LO
t
HI
t
CLK
t
HOLD
t
SU
SDI
SCLK
SEN
t
EN 3
D17
80%
50%
20%
t
W3
SEN
t
W2
(option 1)
(option 2)
t
EN 1
80%
50%
20%
80%
50%
20%
80%
50%
20%
A0
80%
50%
20%
SDI
SCLK
SEN
SDO
OD17
OD0
OD16
t
CA
t
EN2
t
EN3
t
W1


Similar Part No. - PCS1900

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCS1900 NSC-PCS1900 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Eudyna Devices Inc
PCS1900 EUDYNA-PCS1900 Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
logo
Pulse A Technitrol Comp...
PCS1900 PULSE-PCS1900 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
More results

Similar Description - PCS1900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3587 PHILIPS-UAA3587 Datasheet
50Kb / 2P
   Complete, single-package GSM/GPRS/EDGE RF transceiver
September 2004
logo
Broadcom Corporation.
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
   GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com