Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-130299-006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-130299-006
Description  MIC PCB RECEPTACLE 4C, D-CODE, STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130299-006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-130299-006 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SD-130299-006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-130299-007 MOLEX11-SD-130299-007 Datasheet
128Kb / 1P
   MIC PCB RECEPTACLE 5/C, A-CODE, 90 DEG
SD-130299-008 MOLEX11-SD-130299-008 Datasheet
123Kb / 1P
   MIC PCB RECEPTACLE 5C, A-CODE, STRAIGHT
More results

Similar Description - SD-130299-006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-130299-008 MOLEX11-SD-130299-008 Datasheet
123Kb / 1P
   MIC PCB RECEPTACLE 5C, A-CODE, STRAIGHT
SD-130299-007 MOLEX11-SD-130299-007 Datasheet
128Kb / 1P
   MIC PCB RECEPTACLE 5/C, A-CODE, 90 DEG
logo
Bel Fuse Inc.
CT120016 BEL-CT120016 Datasheet
166Kb / 1P
   M12 X-Code, Vertical, Rear Mount PCB Receptacle
Rev. A0
logo
TE Connectivity Ltd
C-2361352 TEC-C-2361352 Datasheet
1Mb / 3P
   SLIVER 2.0 4C 33AWG STRAIGHT TO STRAIGHT
logo
Bel Fuse Inc.
CT120017 BEL-CT120017 Datasheet
204Kb / 1P
   M12 X-Code, Right Angle, Rear Mount PCB Receptacle
Rev. A0
logo
TE Connectivity Ltd
C-2340879 TEC-C-2340879 Datasheet
1Mb / 3P
   SLIVER 2.0 4C 33AWG STRAIGHT TO STRAIGHT
C-2340882 TEC-C-2340882 Datasheet
1Mb / 3P
   SLIVER 2.0 4C 30AWG STRAIGHT TO STRAIGHT
C-2361353 TEC-C-2361353 Datasheet
1Mb / 3P
   SLIVER 2.0 4C 30AWG STRAIGHT TO STRAIGHT
logo
Winchester Electronics ...
401-010-6040G WINCHESTER-401-010-6040G Datasheet
49Kb / 1P
   40 SERIES PCB STRAIGHT RECEPTACLE
logo
Pomona Electronics
72996 POMONA-72996 Datasheet
120Kb / 1P
   SMB JACK STRAIGHT PCB RECEPTACLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com