Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-GSM900 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # E-GSM900
Description  Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

E-GSM900 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button E-GSM900 Datasheet HTML 29Page - Silicon Laboratories E-GSM900 Datasheet HTML 30Page - Silicon Laboratories E-GSM900 Datasheet HTML 31Page - Silicon Laboratories E-GSM900 Datasheet HTML 32Page - Silicon Laboratories E-GSM900 Datasheet HTML 33Page - Silicon Laboratories E-GSM900 Datasheet HTML 34Page - Silicon Laboratories E-GSM900 Datasheet HTML 35Page - Silicon Laboratories E-GSM900 Datasheet HTML 36Page - Silicon Laboratories E-GSM900 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Aero I
Rev. 1.0
33
Pin Descriptions: Si4205-BM
Pin Number(s)
Name
Description
1, 28
RXQN, RXQP
Receive Q output (differential).
2, 3
RXIP, RXIN
Receive I output (differential).
4, 5
TXIP, TXIN
Transmit I input (differential).
6, 7
TXQP, TXQN
Transmit Q input (differential).
8
XIN
Reference frequency input from crystal oscillator.
9, 32
VDD
Supply voltage.
10
PDN
Powerdown input (active low).
11
SDO
Serial data output.
12
SEN
Serial enable input (active low).
13
SCLK
Serial clock input.
14
SDI
Serial data input.
15, 29–31
GND
Ground. Connect to ground plane on PCB.
16, 17
RFIPP, RFIPN
PCS LNA input (differential).
Use for PCS 1900 band.
18, 19
RFIDP, RFIDN
DCS LNA input (differential).
Use for DCS 1800 band.
20, 21
RFIGP, RFIGN
GSM LNA input (differential).
Used for GSM 850 or E-GSM 900 bands.
22
RFOD
DCS and PCS transmit output to power amplifier.
Used for DCS 1800 and PCS 1900 bands.
23
RFOG
GSM transmit output to power amplifier.
Used for GSM 850 and E-GSM 900 bands.
24, 25
DIAG1, DIAG2
Diagnostic output.
Can be used as digital outputs to control antenna switch functions.
26
XEN
XOUT pin enable.
27
XOUT
Clock output to baseband.
GND
GND
1
2
3
22
23
24
25
26
27
28
RXQN
RXIP
TXQN
RXIN
TXIP
TXQP
TXIN
RFIPN
RFIDP
GND
RFIPP
RFIDN
RFIGP
RFIGN
15
16
17
18
19
20
21
8
9
10
11
12
13
14
4
5
6
7
GND
GND
32
31
29
30


Similar Description - E-GSM900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3587 PHILIPS-UAA3587 Datasheet
50Kb / 2P
   Complete, single-package GSM/GPRS/EDGE RF transceiver
September 2004
logo
Broadcom Corporation.
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
   GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com