Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C60R08 Datasheet(PDF) 19 Page - Epson Company

Part # S1C60R08
Description  4-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60R08 Datasheet(HTML) 19 Page - Epson Company

Back Button S1C60R08 Datasheet HTML 15Page - Epson Company S1C60R08 Datasheet HTML 16Page - Epson Company S1C60R08 Datasheet HTML 17Page - Epson Company S1C60R08 Datasheet HTML 18Page - Epson Company S1C60R08 Datasheet HTML 19Page - Epson Company S1C60R08 Datasheet HTML 20Page - Epson Company S1C60R08 Datasheet HTML 21Page - Epson Company S1C60R08 Datasheet HTML 22Page - Epson Company S1C60R08 Datasheet HTML 23Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
S1C60N08/60R08
q Oscillation Characteristics
Oscillation characteristics will vary according to different conditions (elements used, boad pattern). Use the following char-
acteristics are as reference values.
S1C60N08/60R08 (OSC1 Crystal Oscillation)
Characteristic
Oscillation start voltage
Oscillation stop voltage
Built-in capacitance (drain)
Frequency/voltage deviation
Frequency/IC deviation
Frequency adjustment range
Harmonic oscillation start voltage
Permitted leak resistance
Symbol
Vsta
Vstp
CD
∆f/∆V
∆f/∆IC
∆f/∆CG
Vhho
Rleak
Unit
V
V
pF
ppm
ppm
ppm
V
M
Max.
5
10
-3.5
Typ.
20
45
Min.
-1.8
-1.8
-10
35
200
Condition
tsta
≤5sec (VSS)
tstp
≤10sec (VSS)
Including the parasitic capacitance inside the chip
VSS=-1.8 to -3.5V
CG=5 to 25pF
(VSS)
Between OSC1 and VDD
(Unless otherwise specified: VDD=0V, VSS=-3.0V, Crystal: Q13MC146, CG=25pF, CD=built-in, Ta=25
°C)
S1C60L08 (OSC1 Crystal Oscillation)
Characteristic
Oscillation start voltage
Oscillation stop voltage
Built-in capacitance (drain)
Frequency/voltage deviation
Frequency/IC deviation
Frequency adjustment range
Harmonic oscillation start voltage
Permitted leak resistance
∗1:
Symbol
Vsta
Vstp
CD
∆f/∆V
∆f/∆IC
∆f/∆CG
Vhho
Rleak
Unit
V
V
pF
ppm
ppm
ppm
V
M
Max.
5
10
-1.7
Typ.
20
45
Min.
-1.1
-1.1
(-0.9)∗1
-10
35
200
Parentheses indicate value for operation in heavy load protection mode.
Condition
tsta
≤5sec (VSS)
tstp
≤10sec (VSS)
Including the parasitic capacitance inside the chip
VSS=-1.1 (-0.9)∗1 to -1.7V
CG=5 to 25pF
(VSS)
Between OSC1 and VDD
(Unless otherwise specified: VDD=0V, VSS=-1.5V, Crystal: Q13MC146, CG=25pF, CD=built-in, Ta=25
°C)
S1C60A08 (OSC1 Crystal Oscillation)
Characteristic
Oscillation start voltage
Oscillation stop voltage
Built-in capacitance (drain)
Frequency/voltage deviation
Frequency/IC deviation
Frequency adjustment range
Harmonic oscillation start voltage
Permitted leak resistance
Symbol
Vsta
Vstp
CD
∆f/∆V
∆f/∆IC
∆f/∆CG
Vhho
Rleak
Unit
V
V
pF
ppm
ppm
ppm
V
M
Max.
5
10
-3.5
Typ.
20
45
Min.
-2.2
-2.2
-10
35
200
Condition
tsta
≤5sec (VSS)
tstp
≤10sec (VSS)
Including the parasitic capacitance inside the chip
VSS=-2.2 to -3.5V
CG=5 to 25pF
(VSS)
Between OSC1 and VDD
(Unless otherwise specified: VDD=0V, VSS=-3.0V, Crystal: Q13MC146, CG=25pF, CD=built-in, Ta=25
°C)
S1C60A08/60R08 (OSC3 CR Oscillation)
Characteristic
Oscillation frequency dispersion
Oscillation start voltage
Oscillation start time
Oscillation stop voltage
Symbol
fOSC3
Vsta
tsta
Vstp
Unit
%
V
msec
V
Max.
30
3
Typ.
480kHz
Min.
-30
-2.2
-2.2
Condition
(VSS)
VSS=-2.2 to -3.5V
(VSS)
(Unless otherwise specified: VDD=0V, VSS=-3.0V, RCR=82k
Ω, Ta=25°C)
S1C60A08/60R08 (OSC3 Ceramic Oscillation)
Characteristic
Oscillation start voltage
Oscillation start time
Oscillation stop voltage
Symbol
Vsta
tsta
Vstp
Unit
V
msec
V
Max.
5
Typ.
Min.
-2.2
-2.2
Condition
(VSS)
VSS=-2.2 to -3.5V
(VSS)
(Unless otherwise specified: VDD=0V, VSS=-3.0V, Ceramic oscillator: 500kHz, CGC=CDC=100pF, Ta=25
°C)


Similar Part No. - S1C60R08

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60A16 EPSON-S1C60A16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
S1C60L05 EPSON-S1C60L05 Datasheet
145Kb / 12P
   4-bit Single Chip Microcomputer
S1C60L16 EPSON-S1C60L16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
S1C60N05 EPSON-S1C60N05 Datasheet
145Kb / 12P
   4-bit Single Chip Microcomputer
S1C60N16 EPSON-S1C60N16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C60R08

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com