Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C60R08 Datasheet(PDF) 9 Page - Epson Company

Part # S1C60R08
Description  4-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60R08 Datasheet(HTML) 9 Page - Epson Company

Back Button S1C60R08 Datasheet HTML 5Page - Epson Company S1C60R08 Datasheet HTML 6Page - Epson Company S1C60R08 Datasheet HTML 7Page - Epson Company S1C60R08 Datasheet HTML 8Page - Epson Company S1C60R08 Datasheet HTML 9Page - Epson Company S1C60R08 Datasheet HTML 10Page - Epson Company S1C60R08 Datasheet HTML 11Page - Epson Company S1C60R08 Datasheet HTML 12Page - Epson Company S1C60R08 Datasheet HTML 13Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
S1C60N08/60R08
11. R13 SPECIFICATION
• OUTPUT SPECIFICATION ............... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• OUTPUT TYPE .................................. s
s 1. DC Output
s
s 2. Buzzer Inverted Output (R13 Control)
s
s 3. Buzzer Inverted Output (R10 Control)
12. I/O PORT SPECIFICATION
• P00 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P01 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P02 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P03 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P10 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P11 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P12 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• P13 ..................................................... s
s 1. Complementary
s
s 2. Pch-OpenDrain
13. SIN PULL DOWN RESISTOR
s
s 1. With Resistor
s
s 2. Gate Direct
14. SOUT SPECIFICATION
s
s 1. Complementary
s
s 2. Pch-OpenDrain
15. SCLK SPECIFICATION
• PULL DOWN RESISTOR .................. s
s 1. With Resistor
s
s 2. Gate Direct
• OUTPUT SPECIFICATION ............... s
s 1. Complementary
s
s 2. Pch-OpenDrain
• LOGIC ................................................ s
s 1. Positive
s
s 2. Negative
16. SIO DATA PERMUTATION
s
s 1. MSB First
s
s 2. LSB First
17. EVENT COUNTER NOISE REJECTOR
s
s 1. 2048 or 2400 [Hz]
s
s 2. 256 or 300 [Hz]
18. LCD SPECIFICATION
• BIAS SELECTION
S1C60N08 .......................................... s
s 1. 1/3 Bias, Regulator Used, LCD 3 V
s
s 2. 1/3 Bias, Regulator Not Used, LCD 3 V
s
s 3. 1/2 Bias, Regulator Not Used, LCD 3 V
s
s 4. 1/3 Bias, Regulator Not Used, LCD 4.5 V
S1C60L08 (Note) ............................... s
s 1. 1/3 Bias, Regulator Used, LCD 3 V
s
s 2. 1/2 Bias, Regulator Not Used, LCD 3 V
s
s 3. 1/3 Bias, Regulator Not Used, LCD 4.5 V
S1C60A08 .......................................... s
s 1. 1/3 Bias, Regulator Used, LCD 3 V
s
s 2. 1/3 Bias, Regulator Not Used, LCD 3 V
s
s 3. 1/2 Bias, Regulator Not Used, LCD 3 V
s
s 4. 1/3 Bias, Regulator Not Used, LCD 4.5 V
• DUTY SELECTION ............................ s
s 1. 1/4 Duty
s
s 2. 1/3 Duty
s
s 3. 1/2 Duty
19. SEGMENT MEMORY ADDRESS
s
s 1. 0 Page (040–06F)
s
s 2. 2 Page (240–26F)
Note: The S1C60R08 does not support the S1C60L08.


Similar Part No. - S1C60R08

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60A16 EPSON-S1C60A16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
S1C60L05 EPSON-S1C60L05 Datasheet
145Kb / 12P
   4-bit Single Chip Microcomputer
S1C60L16 EPSON-S1C60L16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
S1C60N05 EPSON-S1C60N05 Datasheet
145Kb / 12P
   4-bit Single Chip Microcomputer
S1C60N16 EPSON-S1C60N16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C60R08

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com