Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C60N05 Datasheet(PDF) 6 Page - Epson Company

Part # S1C60N05
Description  4-bit Single Chip Microcomputer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60N05 Datasheet(HTML) 6 Page - Epson Company

Back Button S1C60N05 Datasheet HTML 2Page - Epson Company S1C60N05 Datasheet HTML 3Page - Epson Company S1C60N05 Datasheet HTML 4Page - Epson Company S1C60N05 Datasheet HTML 5Page - Epson Company S1C60N05 Datasheet HTML 6Page - Epson Company S1C60N05 Datasheet HTML 7Page - Epson Company S1C60N05 Datasheet HTML 8Page - Epson Company S1C60N05 Datasheet HTML 9Page - Epson Company S1C60N05 Datasheet HTML 10Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
S1C60N05
q Analog Circuit Characteristics and Current Consumption
S1C60N05 (Normal Operating Mode)
Unit
V
V
V
µA
µA
µA
(Unless otherwise specified: VDD=0V, VSS=-3.0V, fOSC=32.768kHz, Ta=25
°C, CG=25pF, VS1/VL1–VL3 are internal voltage, C1=C2=0.1µF
<During A/D conversion: RS=49.8k
Ω, TH=50kΩ, CAD=2,200pF>)
Max.
1/2•VL2
×0.9
3/2•VL2
×0.9
1.4
5.0
40
Typ.
VSS
0.8
1.5
30
Min.
1/2•VL2
-0.1
3/2•VL2
-0.1
Characteristic
Internal voltage
Power current consumption
Symbol
VL1
VL2
VL3
IOP
Condition
Connect 1M
Ω load resistor between VDD and VL1
(without panel load)
Connect 1M
Ω load resistor between VDD and VL2
(without panel load)
Connect 1M
Ω load resistor between VDD and VL3
(without panel load)
During HALT
During execution
During A/D conversion (HALT)
Without panel load
S1C60N05 (Heavy Load Protection Mode)
Unit
V
V
V
µA
µA
µA
(Unless otherwise specified: VDD=0V, VSS=-3.0V, fOSC=32.768kHz, Ta=25
°C, CG=25pF, VS1/VL1–VL3 are internal voltage, C1=C2=0.1µF
<During A/D conversion: RS=49.8k
Ω, TH=50kΩ, CAD=2,200pF>)
Max.
1/2•VL2
×0.85
3/2•VL2
×0.85
5.5
10.0
41.5
Typ.
VSS
2.0
5.5
31
Min.
1/2•VL2
-0.1
3/2•VL2
-0.1
Characteristic
Internal voltage
Power current consumption
Symbol
VL1
VL2
VL3
IOP
Condition
Connect 1M
Ω load resistor between VDD and VL1
(without panel load)
Connect 1M
Ω load resistor between VDD and VL2
(without panel load)
Connect 1M
Ω load resistor between VDD and VL3
(without panel load)
During HALT
During execution
During A/D conversion (HALT)
Without panel load
S1C60L05 (Normal Operating Mode)
Unit
V
V
V
µA
µA
µA
(Unless otherwise specified: VDD=0V, VSS=-1.5V, fOSC=32.768kHz, Ta=25
°C, CG=25pF, VS1/VL1–VL3 are internal voltage, C1=C2=0.1µF
<During A/D conversion: RS=49.8k
Ω, TH=50kΩ, CAD=2,200pF>)
Max.
2•VL1
×0.9
3•VL1
×0.9
1.4
5.0
40
Typ.
VSS
0.8
1.5
30
Min.
2•VL1
-0.1
3•VL1
-0.1
Characteristic
Internal voltage
Power current consumption
Symbol
VL1
VL2
VL3
IOP
Condition
Connect 1M
Ω load resistor between VDD and VL1
(without panel load)
Connect 1M
Ω load resistor between VDD and VL2
(without panel load)
Connect 1M
Ω load resistor between VDD and VL3
(without panel load)
During HALT
During execution
During A/D conversion (HALT)
Without panel load
S1C60L05 (Heavy Load Protection Mode)
Unit
V
V
V
µA
µA
µA
(Unless otherwise specified: VDD=0V, VSS=-1.5V, fOSC=32.768kHz, Ta=25
°C, CG=25pF, VS1/VL1–VL3 are internal voltage, C1=C2=0.1µF
<During A/D conversion: RS=49.8k
Ω, TH=50kΩ, CAD=2,200pF>)
Max.
2•VL1
×0.85
3•VL1
×0.85
5.5
10.0
41.5
Typ.
VSS
2.0
5.5
31
Min.
2•VL1
-0.1
3•VL1
-0.1
Characteristic
Internal voltage
Power current consumption
Symbol
VL1
VL2
VL3
IOP
Condition
Connect 1M
Ω load resistor between VDD and VL1
(without panel load)
Connect 1M
Ω load resistor between VDD and VL2
(without panel load)
Connect 1M
Ω load resistor between VDD and VL3
(without panel load)
During HALT
During execution
During A/D conversion (HALT)
Without panel load


Similar Part No. - S1C60N05

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60N08 EPSON-S1C60N08 Datasheet
334Kb / 28P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C60N05

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com