Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C60N05 Datasheet(PDF) 10 Page - Epson Company

Part # S1C60N05
Description  4-bit Single Chip Microcomputer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60N05 Datasheet(HTML) 10 Page - Epson Company

Back Button S1C60N05 Datasheet HTML 4Page - Epson Company S1C60N05 Datasheet HTML 5Page - Epson Company S1C60N05 Datasheet HTML 6Page - Epson Company S1C60N05 Datasheet HTML 7Page - Epson Company S1C60N05 Datasheet HTML 8Page - Epson Company S1C60N05 Datasheet HTML 9Page - Epson Company S1C60N05 Datasheet HTML 10Page - Epson Company S1C60N05 Datasheet HTML 11Page - Epson Company S1C60N05 Datasheet HTML 12Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
S1C60N05
s BASIC EXTERNAL CONNECTION DIAGRAM
Piezo Buzzer Single Terminal Driving
Note: The above table is simply an example, and is not guaranteed to work.
CA
CB
VL1
VL2
VL3
VDD
OSC1
OSC2
VS1
RESET
TEST
Vss
C1
CG
C2
X'tal
1.5 V
or
3.0 V
Piezo
Buzzer
K00
K03
P00
P03
R00
R02
R03
I
I/O
O
LCD
PANEL
S1C60N05/60L05
[The potential of the substrate
(back of the chip) is VDD.]
Coil
Cp
RS TH1 TH2
CAD
Capacitors (C3 and C4) are connected.
Connection depending on power supply
and LCD panel specification.
X'tal
CG
C1, C2, C3, C4
Cp
TH1, TH2
RS
CAD
Crystal oscillator
Trimmer capacitor
Capacitor
Capacitor
Thermistor
Resistor
Capacitor
32,768 Hz
CI(MAX) = 35 k
5–25 pF
0.1
µF
3.3
µF
50 k
49.8 k
2,200 pF


Similar Part No. - S1C60N05

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60N08 EPSON-S1C60N08 Datasheet
334Kb / 28P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C60N05

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com