Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC4316 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MM74HC4316
Description  Quad Analog Switch with Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4316 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HC4316 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4316 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case on resistances (R
ON) occurs for HC at 4.5V. Thus the 4.5V values should be used when designing
with this supply. Worst case VIH and VIL occur at VCC=5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current occurs
for CMOS at the higher voltage and so the 5.5V values should be used.
Note 5: At supply voltages (VCC–VEE) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital only when using these supply voltages.
Supply Voltage (VCC)
−0.5 to +7.5V
Supply Voltage (VEE)
+0.5 to −7.5V
DC Control Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Switch I/O Voltage (VIO)VEE−0.5 to VCC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
Supply Voltage (VEE)0
−6V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA) −40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
VCC = 12.0V
250
ns
Symbol
Parameter
Conditions
VEE
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
RON
Minimum “ON” Resistance
VCTL = VIH, IS = 2.0 mA
GND
4.5V
100
170
200
220
(Note 5)
VIS = VCC to VEE
−4.5V
4.5V
40
85
105
110
(Figure 1)
−6.0V
6.0V
30
70
85
90
GND
2.0V
100
180
215
240
VCTL = VIH, IS = 2.0 mA
GND
4.5V
40
80
100
120
VIS = VCC or VEE
−4.5V
4.5V
50
60
75
80
(Figure 1)
−6.0V
6.0V
20
40
60
70
RON
Maximum “ON” Resistance
VCTL = VIH
GND
4.5V
10
15
20
20
Matching
VIS = VCC to VEE
−4.5V
4.5V
5
10
15
15
−6.0V
6.0V
5
10
15
15
IIN
Maximum Control
VIN = VCC or GND
GND
6.0V
±0.1
±1.0
±1.0
µA
Input Current
IIZ
Maximum Switch “OFF”
VOS = VCC or VEE
GND
6.0V
±60
±600
±600
nA
Leakage Current
VIS = VEE or VCC
−6.0V
6.0V
±100
±1000
±1000
nA
VCTL = VIL (Figure 2)
IIZ
Maximum Switch “ON”
VIS = VCC to VEE
GND
6.0V
±40
±150
±150
nA
Leakage Current
VCTL = VIH, VOS = OPEN −6.0V
6.0V
±60
±300
±300
nA
(Figure 3)
ICC
Maximum Quiescent
VIN = VCC or GND
GND
6.0V
2.0
20
40
µA
Supply Current
IOUT = 0 µA
−6.0V
6.0V
8.0
80
160
µA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn