Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC4066 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MM74HC4066
Description  Quad Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4066 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC4066 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2000 Fairchild Semiconductor Corporation
DS005355
www.fairchildsemi.com
August 1984
Revised January 2000
MM74HC4066
Quad Analog Switch
General Description
The MM74HC4066 devices are digitally controlled analog
switches utilizing advanced silicon-gate CMOS technology.
These switches have low “ON” resistance and low “OFF”
leakages. They are bidirectional switches, thus any analog
input may be used as an output and visa-versa. Also the
MM74HC4066
switches
contain
linearization
circuitry
which lowers the “ON” resistance and increases switch lin-
earity. The MM74HC4066 devices allow control of up to
12V (peak) analog signals with digital control signals of the
same range. Each switch has its own control input which
disables each switch when LOW. All analog inputs and out-
puts and digital inputs are protected from electrostatic
damage by diodes to VCC and ground.
Features
s Typical switch enable time: 15 ns
s Wide analog input voltage range: 0–12V
s Low “ON” resistance: 30 typ. (MM74HC4066)
s Low quiescent current: 80
µA maximum (74HC)
s Matched switch characteristics
s Individual switch controls
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Schematic Diagram
Connection Diagram
Top View
Truth Table
Order Number
Package Number
Package Description
MM74HC4066M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74HC4066SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4066MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC4066N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Input
Switch
CTL
I/O–O/I
L
“OFF”
H“ON”


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MM54HC4016 Quad Analog Switch 1  2  3  4  5  More National Semiconductor (TI)
DG333A Precision Quad SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
MM74HC4316 Quad Analog Switch with Level Translator 1  2  3  4  5  More Fairchild Semiconductor
DG201 CMOS Quad SPST Analog Switch 1  2  3  4  5  More Intersil Corporation
MAX333A Precision Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MC74LVXT4066 Quad Analog Switch/Multiplexer/Demultiplexer 1  2  3  4  5  More ON Semiconductor
HI-201 Quad SPST CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX394 Low-Voltage Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX4533 Quad Rail-to-Rail Fault-Protected SPDT Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX4613 Quad SPST Analog Switch 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn