Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC4066 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MM74HC4066
Description  Quad Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4066 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC4066 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4066 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 2.0V6.0V VEE = 0V12V, CL = 50 pF (unless otherwise specified)
Note 6: Adjust 0 dBm for F
= 1 kHz (Null R
L/RON Attenuation).
Note 7: VIS is centered at VCC/2.
Note 8: Adjust input for 0 dBm.
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
2.0V
25
50
30
75
ns
Delay Switch In to Out
4.5V
5
10
13
15
ns
9.0V
4
8
10
12
ns
12.0V
3
7
11
13
ns
tPZL, tPZH Maximum Switch Turn
RL = 1 kΩ
2.0V
30
100
125
150
ns
“ON” Delay
4.5V
12
20
25
30
ns
9.0V
6
12
15
18
ns
12.0V
5
10
13
15
ns
tPHZ, tPLZ Maximum Switch Turn
RL = 1 kΩ
2.0V
60
168
210
252
ns
“OFF” Delay
4.5V
25
36
45
54
ns
9.0V
20
32
40
48
ns
12.0V
15
30
38
45
fMAX
Minimum Frequency
RL = 600Ω
4.5V
40
MHz
Response (Figure 7)
VIS = 2 VPP at (VCC/2)
9.0V
100
MHz
20 log (VO/VI) = −3 dB
(Note 6) (Note 7)
Crosstalk Between
RL = 600Ω, F = 1 MHz
any Two Switches
(Note 7) (Note 8)
4.5V
−52
dB
(Figure 8)
9.0V
−50
dB
Peak Control to Switch
RL = 600Ω, F = 1 MHz
4.5V
100
mV
Feedthrough Noise (Figure 9)
CL = 50 pF
9.0V
250
mV
Switch OFF Signal
RL = 600Ω, F = 1 MHz
Feedthrough
V(CT)VIL
Isolation
(Note 7) (Note 8)
4.5V
−42
dB
(Figure 10)
9.0V
−44
dB
THD
Total Harmonic
RL = 10 kΩ, CL = 50 pF,
Distortion
F
= 1 kHz
(Figure 11)
VIS = 4 VPP
4.5V
.013
%
VIS = 8 VPP
9.0V
.008
%
CIN
Maximum Control
5
10
10
10
pF
Input Capacitance
CIN
Maximum Switch
20
pF
Input Capacitance
CIN
Maximum Feedthrough
VCTL = GND
0.5
pF
Capacitance
CPD
Power Dissipation
15
pF
Capacitance


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MM54HC4016 Quad Analog Switch 1  2  3  4  5  More National Semiconductor (TI)
DG333A Precision Quad SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
MM74HC4316 Quad Analog Switch with Level Translator 1  2  3  4  5  More Fairchild Semiconductor
DG201 CMOS Quad SPST Analog Switch 1  2  3  4  5  More Intersil Corporation
MAX333A Precision Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MC74LVXT4066 Quad Analog Switch/Multiplexer/Demultiplexer 1  2  3  4  5  More ON Semiconductor
HI-201 Quad SPST CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX394 Low-Voltage Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX4533 Quad Rail-to-Rail Fault-Protected SPDT Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX4613 Quad SPST Analog Switch 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn