Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEE2C221S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUEE2C221S
Description  Aluminum Electrolytic Capacitors/ EE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2C221S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUEE2C221S Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2C221S Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2C221S Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2C221S Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
– EEE-93 –
φD±0.5
φd±0.05
Sleeve
14 min.
3 min.
L
±2.0
Pressure relief
+
Radial Lead Type
Series:
EE
Type:
A
Dimensions in mm (not to scale)
Frequency correction factor for ripple current
Body Dia.
φD10
12.5
16
18
Lead Dia.
φd0.6
0.6
0.8
0.8
Lead space F
5.0
5.0
7.5
7.5
Features
● High ripple current (at high frequency):
40 % higher than ED Series
● Endurance: 105 °C 8000 h to 10000 h
● RoHS directive compliant
Specifications
Category Temp. Range
–25 °C to + 105 °C
Rated W.V. Range
160 V .DC to 450 V .DC
Nominal Cap. Range10 µF to 330 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.06 CV +10 (µA) After 2 minutes
tan
δ
W.V.
160
200
250350
400450
(120 Hz/+20 °C)
tan
δ
0.15
0.15
0.15
0.20
0.24
0.24
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage),
when the capacitors are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
φ10 : 8000 hours
φ12.5 to φ18 : 10000 hours
Capacitance change ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
W. V.
(V. DC)
Cap.
(µF)
Frequency (Hz)
60
<
120
<
300
<
1 k
<
10 k
<
100 k
<
160 to 450
10 to 82
0.25
0.35
0.50
0.65
0.90
1.00
100 to 330
0.30
0.400.55
0.70
0.90
1.00
(Unit : mm)
00 Nov. 2012


Similar Part No. - EEUEE2C221S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2C221S PANASONIC-EEUEE2C221S Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2C221S PANASONIC-EEUEE2C221S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2C221S PANASONIC-EEUEE2C221S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEUEE2C221S PANASONICBATTERY-EEUEE2C221S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Semiconductor
EEUEE2C221S PANASONIC-EEUEE2C221S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2C221S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2W220S PANASONIC-EEU-EE2W220S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEU-EE2G470S PANASONIC-EEU-EE2G470S Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D330 PANASONIC-EEU-EE2D330 Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W560 PANASONIC-EEU-EE2W560 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W150 PANASONIC-EEU-EE2W150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D470 PANASONIC-EEU-EE2D470 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W470S PANASONIC-EEU-EE2W470S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEU-EE2E101S PANASONICBATTERY-EEU-EE2E101S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com