Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC4051 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MM74HC4051
Description  8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74HC4051 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Supply Voltage (VCC)
−0.5 to +7.5V
Supply Voltage (VEE)
+0.5 to −7.5V
Control Input Voltage (VIN)
−1.5 to V
CC +1.5V
Switch I/O Voltage (VIO)VEE −0.5 to VCC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
Output Current, per pin (IOUT)
±25 mA
VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
Supply Voltage (VEE)0
−6V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VEE
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
RON
Maximum “ON” Resistance
VINH = VIL, IS = 2.0 mA GND 4.5V
40
160
200
240
(Note 5)
VIS = VCC to VEE
−4.5V 4.5V
30
120
150
170
(Figure 1)
−6.0V 6.0V
20
100
125
140
VINH = VIL, IS = 2.0 mA GND 2.0V
100
230
280
320
VIS = VCC or VEE
GND
4.5V
40
110
140
170
(Figure 1)
−4.5V 4.5V
20
90
120
140
−6.0V 6.0V
15
80
100
115
RON
Maximum “ON” Resistance
VCTL = VIL
GND
4.5V
10
20
25
25
Matching
VIS = VCC to GND
−4.5V 4.5V
5
10
15
15
−6.0V 6.0V
5
10
12
15
IIN
Maximum Control
VIN = VCCor GND
±0.1
±1.0
±1.0
µA
Input Current
VCC = 2−6V
ICC
Maximum Quiescent
VIN = VCC or GND
GND
6.0V
8
80
160
µA
Supply Current
IOUT = 0 µA
−6.0V 6.0V
16
160
320
µA
IIZ
Maximum Switch “OFF”
VOS = VCCor VEE
GND
6.0V
±60
±600
±600
nA
Leakage Current
VIS = VEEor VCC
−6.0V 6.0V
±100
±1000
±1000
nA
(Switch Input)
VINH = VIH (Figure 2)
IIZ
Maximum Switch
VIS = VCC to VEE
GND
6.0V
±0.2
±2.0
±2.0
µA
“ON” Leakage
HC4051 VINH = VIL
−6.0V 6.0V
±0.4
±4.0
±4.0
µA
Current
(Figure 3)
VIS = VCC to VEE
GND
6.0V
±0.1
±1.0
±1.0
µA
HC4052 VINH = VIL (Figure 3)
−6.0V 6.0V
±0.2
±2.0
±2.0
µA
VIS = VCC to VEE
GND
6.0V
±0.1
±1.0
±1.0
µA
HC4053 VINH = VIL (Figure 3)
−6.0V 6.0V
±0.1
±1.0
±1.0
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn