Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAZH686K004CBSCT000 Datasheet(PDF) 3 Page - AVX Corporation

Part # TAZH686K004CBSCT000
Description  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K004CBSCT000 Datasheet(HTML) 3 Page - AVX Corporation

  TAZH686K004CBSCT000 Datasheet HTML 1Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 2Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 3Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 4Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 5Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 6Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 7Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 8Page - AVX Corporation TAZH686K004CBSCT000 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
JUNE 2013
9
TAZ Series
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/4
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR09 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
TAZ R 334 * 004 C # @ 0 ^ ++
R
0.33
4
45
1
10
12
6
8
8
0.030
0.03
0.02
0.01
1.16
1.05
0.46
TAZ R 225 * 004 C # @ 0 ^ ++
R
2.2
4
12
1
10
12
6
8
8
0.030
0.05
0.05
0.02
0.60
0.54
0.24
CWR09C^225*@+
TAZ A 225 * 004 C # @ 0 ^ ++ TAZ A 225 * 004 C L @ 9 ^ ++
A
2.2
4
8
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.63
0.57
0.25
CWR09C^475*@+
TAZ B 475 * 004 C # @ 0 ^ ++ TAZ B 475 * 004 C L @ 9 ^ ++
B
4.7
4
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09C^685*@+
TAZ C 685 * 004 C # @ 0 ^ ++ TAZ C 685 * 004 C L @ 9 ^ ++
C
6.8
4
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09C^106*@+
TAZ D 106 * 004 C # @ 0 ^ ++ TAZ D 106 * 004 C L @ 9 ^ ++
D
10
4
4
1
10
12
8
8
10
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR09C^156*@+
TAZ E 156 * 004 C # @ 0 ^ ++ TAZ E 156 * 004 C L @ 9 ^ ++
E
15
4
3.5
1
10
12
8
10
12
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09C^336*@+
TAZ F 336 * 004 C # @ 0 ^ ++ TAZ F 336 * 004 C L @ 9 ^ ++
F
33
4
2.2
2
20
24
8
10
12
0.100
0.21
0.19
0.09
0.47
0.42
0.19
CWR09C^686*@+ TAZ G 686 * 004 C # @ 0 ^ ++ TAZ G 686 * 004 C L @ 9 ^ ++
G
68
4
1.1
3
30
36
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09C^107*@+
TAZ H 107 * 004 C # @ 0 ^ ++ TAZ H 107 * 004 C L @ 9 ^ ++
H
100
4
0.9
4
40
48
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09D^155*@+
TAZ A 155 * 006 C # @ 0 ^ ++ TAZ A 155 * 006 C L @ 9 ^ ++
A
1.5
6
8
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.63
0.57
0.25
CWR09D^335*@+
TAZ B 335 * 006 C # @ 0 ^ ++ TAZ B 335 * 006 C L @ 9 ^ ++
B
3.3
6
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09D^475*@+
TAZ C 475 * 006 C # @ 0 ^ ++ TAZ C 475 * 006 C L @ 9 ^ ++
C
4.7
6
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09D^685*@+
TAZ D 685 * 006 C # @ 0 ^ ++ TAZ D 685 * 006 C L @ 9 ^ ++
D
6.8
6
4.5
1
10
12
6
8
8
0.080
0.13
0.12
0.05
0.60
0.54
0.24
CWR09D^106*@+
TAZ E 106 * 006 C # @ 0 ^ ++ TAZ E 106 * 006 C L @ 9 ^ ++
E
10
6
3.5
1
10
12
8
10
12
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09D^226*@+
TAZ F 226 * 006 C # @ 0 ^ ++ TAZ F 226 * 006 C L @ 9 ^ ++
F
22
6
2.2
2
20
24
8
10
12
0.100
0.21
0.19
0.09
0.47
0.42
0.19
CWR09D^476*@+
TAZ G 476 * 006 C # @ 0 ^ ++ TAZ G 476 * 006 C L @ 9 ^ ++
G
47
6
1.1
3
30
36
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09D^686*@+
TAZ H 686 * 006 C # @ 0 ^ ++ TAZ H 686 * 006 C L @ 9 ^ ++
H
68
6
0.9
4
40
48
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
TAZ R 334 * 010 C # @ 0 ^ ++
R
0.33
10
50
1
10
12
6
8
8
0.030
0.02
0.02
0.01
1.22
1.10
0.49
TAZ R 474 * 010 C # @ 0 ^ ++
R
0.47
10
50
1
10
12
6
8
8
0.030
0.02
0.02
0.01
1.22
1.10
0.49
TAZ R 105 * 010 C # @ 0 ^ ++
R
1
10
10
1
10
12
6
8
8
0.030
0.05
0.05
0.02
0.55
0.49
0.22
CWR09F^105*@+
TAZ A 105 * 010 C # @ 0 ^ ++ TAZ A 105 * 010 C L @ 9 ^ ++
A
1
10
10
1
10
12
6
8
8
0.050
0.07
0.06
0.03
0.71
0.64
0.28
CWR09F^225*@+
TAZ B 225 * 010 C # @ 0 ^ ++ TAZ B 225 * 010 C L @ 9 ^ ++
B
2.2
10
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09F^335*@+
TAZ C 335 * 010 C # @ 0 ^ ++ TAZ C 335 * 010 C L @ 9 ^ ++
C
3.3
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09F^475*@+
TAZ D 475 * 010 C # @ 0 ^ ++ TAZ D 475 * 010 C L @ 9 ^ ++
D
4.7
10
4.5
1
10
12
6
8
8
0.080
0.13
0.12
0.05
0.60
0.54
0.24
CWR09F^685*@+
TAZ E 685 * 010 C # @ 0 ^ ++ TAZ E 685 * 010 C L @ 9 ^ ++
E
6.8
10
3.5
1
10
12
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09F^156*@+
TAZ F 156 * 010 C # @ 0 ^ ++ TAZ F 156 * 010 C L @ 9 ^ ++
F
15
10
2.5
2
20
24
8
8
10
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09F^336*@+
TAZ G 336 * 010 C # @ 0 ^ ++ TAZ G 336 * 010 C L @ 9 ^ ++
G
33
10
1.1
3
30
36
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09F^476*@+
TAZ H 476 * 010 C # @ 0 ^ ++ TAZ H 476 * 010 C L @ 9 ^ ++
H
47
10
0.9
5
50
60
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09H^684*@+
TAZ A 684 * 015 C # @ 0 ^ ++ TAZ A 684 * 015 C L @ 9 ^ ++
A
0.68
15
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR09H^155*@+
TAZ B 155 * 015 C # @ 0 ^ ++ TAZ B 155 * 015 C L @ 9 ^ ++
B
1.5
15
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09H^225*@+
TAZ C 225 * 015 C # @ 0 ^ ++ TAZ C 225 * 015 C L @ 9 ^ ++
C
2.2
15
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09H^335*@+
TAZ D 335 * 015 C # @ 0 ^ ++ TAZ D 335 * 015 C L @ 9 ^ ++
D
3.3
15
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR09H^475*@+
TAZ E 475 * 015 C # @ 0 ^ ++ TAZ E 475 * 015 C L @ 9 ^ ++
E
4.7
15
4
1
10
12
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR09H^106*@+
TAZ F 106 * 015 C # @ 0 ^ ++ TAZ F 106 * 015 C L @ 9 ^ ++
F
10
15
2.5
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09H^226*@+ TAZ G 226 * 015 C # @ 0 ^ ++ TAZ G 226 * 015 C L @ 9 ^ ++
G
22
15
1.1
4
40
48
6
8
8
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09H^336*@+
TAZ H 336 * 015 C # @ 0 ^ ++ TAZ H 336 * 015 C L @ 9 ^ ++
H
33
15
0.9
5
50
60
8
8
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09J^474*@+
TAZ A 474 * 020 C # @ 0 ^ ++ TAZ A 474 * 020 C L @ 9 ^ ++
A
0.47
20
14
1
10
12
8
8
10
0.050
0.06
0.05
0.02
0.84
0.75
0.33
CWR09J^684*@+
TAZ B 684 * 020 C # @ 0 ^ ++ TAZ B 684 * 020 C L @ 9 ^ ++
B
0.68
20
10
1
10
12
6
8
8
0.070
0.08
0.08
0.03
0.84
0.75
0.33
CWR09J^105*@+
TAZ B 105 * 020 C # @ 0 ^ ++ TAZ B 105 * 020 C L @ 9 ^ ++
B
1
20
12
1
10
12
6
8
8
0.070
0.08
0.07
0.03
0.92
0.82
0.37
CWR09J^155*@+
TAZ C 155 * 020 C # @ 0 ^ ++ TAZ C 155 * 020 C L @ 9 ^ ++
C
1.5
20
6
1
10
12
6
8
8
0.075
0.11
0.10
0.04
0.67
0.60
0.27
CWR09J^225*@+
TAZ D 225 * 020 C # @ 0 ^ ++ TAZ D 225 * 020 C L @ 9 ^ ++
D
2.2
20
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR09J^335*@+
TAZ E 335 * 020 C # @ 0 ^ ++ TAZ E 335 * 020 C L @ 9 ^ ++
E
3.3
20
4
1
10
12
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR09J^685*@+
TAZ F 685 * 020 C # @ 0 ^ ++ TAZ F 685 * 020 C L @ 9 ^ ++
F
6.8
20
2.4
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.49
0.44
0.20
CWR09J^156*@+
TAZ G 156 * 020 C # @ 0 ^ ++ TAZ G 156 * 020 C L @ 9 ^ ++
G
15
20
1.1
3
30
36
6
8
8
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09J^226*@+
TAZ H 226 * 020 C # @ 0 ^ ++ TAZ H 226 * 020 C L @ 9 ^ ++
H
22
20
0.9
4
40
48
6
8
8
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09K^334*@+
TAZ A 334 * 025 C # @ 0 ^ ++ TAZ A 334 * 025 C L @ 9 ^ ++
A
0.33
25
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR09K^684*@+
TAZ B 684 * 025 C # @ 0 ^ ++ TAZ B 684 * 025 C L @ 9 ^ ++
B
0.68
25
7.5
1
10
12
6
8
8
0.070
0.10
0.09
0.04
0.72
0.65
0.29
CWR09K^105*@+
TAZ C 105 * 025 C # @ 0 ^ ++ TAZ C 105 * 025 C L @ 9 ^ ++
C
1
25
6.5
1
10
12
6
8
8
0.075
0.11
0.10
0.04
0.70
0.63
0.28
CWR09K^155*@+
TAZ D 155 * 025 C # @ 0 ^ ++ TAZ D 155 * 025 C L @ 9 ^ ++
D
1.5
25
6.5
1
10
12
6
8
8
0.080
0.11
0.10
0.04
0.72
0.65
0.29
CWR09K^225*@+
TAZ E 225 * 025 C # @ 0 ^ ++ TAZ E 225 * 025 C L @ 9 ^ ++
E
2.2
25
3.5
1
10
12
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09K^475*@+
TAZ F 475 * 025 C # @ 0 ^ ++ TAZ F 475 * 025 C L @ 9 ^ ++
F
4.7
25
2.5
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09K^685*@+
TAZ G 685 * 025 C # @ 0 ^ ++ TAZ G 685 * 025 C L @ 9 ^ ++
G
6.8
25
1.2
2
20
24
6
8
8
0.125
0.32
0.29
0.13
0.39
0.35
0.15
CWR09K^106*@+
TAZ G 106 * 025 C # @ 0 ^ ++ TAZ G 106 * 025 C L @ 9 ^ ++
G
10
25
1.4
3
30
36
6
8
8
0.125
0.30
0.27
0.12
0.42
0.38
0.17
CWR09K^156*@+
TAZ H 156 * 025 C # @ 0 ^ ++ TAZ H 156 * 025 C L @ 9 ^ ++
H
15
25
1
4
40
48
6
8
8
0.150
0.39
0.35
0.15
0.39
0.35
0.15
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TAZH686K004CBSCT000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

Similar Description - TAZH686K004CBSCT000

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com