Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAZH686K004CBSBT000 Datasheet(PDF) 12 Page - AVX Corporation

Part No. TAZH686K004CBSBT000
Description  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K004CBSBT000 Datasheet(HTML) 12 Page - AVX Corporation

Back Button TAZH686K004CBSBT000 Datasheet HTML 7Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 8Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 9Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 10Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 11Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 12Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 13Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 14Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 15Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
18
JUNE 2013
TAZ Series
CWR29 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR29 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR29F^475*@D+
TAZ D 475 * 010 L # @ 0 ^ ++
TAZ D 475 * 010 L L @ 9 ^ ++
D
4.7
10
1.5
1
10
12
6
8
8
0.080
0.23
0.21
0.09
0.35
0.31
0.14
CWR29F^685*@B+
TAZ B 685 * 010 L # @ 0 ^ ++
TAZ B 685 * 010 L L @ 9 ^ ++
B
6.8
10
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^685*@C+
TAZ C 685 * 010 L # @ 0 ^ ++
TAZ C 685 * 010 L L @ 9 ^ ++
C
6.8
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^685*@D+
TAZ D 685 * 010 L # @ 0 ^ ++
TAZ D 685 * 010 L L @ 9 ^ ++
D
6.8
10
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29F^685*@E+
TAZ E 685 * 010 L # @ 0 ^ ++
TAZ E 685 * 010 L L @ 9 ^ ++
E
6.8
10
1
1
10
12
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29F^106*@B+
TAZ B 106 * 010 L # @ 0 ^ ++
TAZ B 106 * 010 L L @ 9 ^ ++
B
10
10
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^106*@C+
TAZ C 106 * 010 L # @ 0 ^ ++
TAZ C 106 * 010 L L @ 9 ^ ++
C
10
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^106*@D+
TAZ D 106 * 010 L # @ 0 ^ ++
TAZ D 106 * 010 L L @ 9 ^ ++
D
10
10
1.3
1
10
12
6
8
8
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29F^106*@E+
TAZ E 106 * 010 L # @ 0 ^ ++
TAZ E 106 * 010 L L @ 9 ^ ++
E
10
10
1
1
10
12
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29F^156*@D+
TAZ D 156 * 010 L # @ 0 ^ ++
TAZ D 156 * 010 L L @ 9 ^ ++
D
15
10
1.7
2
20
24
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29F^156*@E+
TAZ E 156 * 010 L # @ 0 ^ ++
TAZ E 156 * 010 L L @ 9 ^ ++
E
15
10
0.9
2
20
24
8
10
10
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29F^156*@F+
TAZ F 156 * 010 L # @ 0 ^ ++
TAZ F 156 * 010 L L @ 9 ^ ++
F
15
10
0.7
2
20
24
8
8
10
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29F^226*@E+
TAZ E 226 * 010 L # @ 0 ^ ++
TAZ E 226 * 010 L L @ 9 ^ ++
E
22
10
0.6
3
30
36
8
10
10
0.090
0.39
0.35
0.15
0.23
0.21
0.09
CWR29F^336*@F+
TAZ F 336 * 010 L # @ 0 ^ ++
TAZ F 336 * 010 L L @ 9 ^ ++
F
33
10
0.4
3
30
36
8
10
10
0.100
0.50
0.45
0.20
0.20
0.18
0.08
CWR29F^336*@G+
TAZ G 336 * 010 L # @ 0 ^ ++
TAZ G 336 * 010 L L @ 9 ^ ++
G
33
10
0.275
3
30
36
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29F^476*@F+
TAZ F 476 * 010 L # @ 0 ^ ++
TAZ F 476 * 010 L L @ 9 ^ ++
F
47
10
0.4
4
40
48
10
12
12
0.100
0.50
0.45
0.20
0.20
0.18
0.08
CWR29F^476*@G+
TAZ G 476 * 010 L # @ 0 ^ ++
TAZ G 476 * 010 L L @ 9 ^ ++
G
47
10
0.25
4
40
48
10
12
12
0.125
0.71
0.64
0.28
0.18
0.16
0.07
CWR29F^476*@H+
TAZ H 476 * 010 L # @ 0 ^ ++
TAZ H 476 * 010 L L @ 9 ^ ++
H
47
10
0.18
5
50
60
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^686*@G+
TAZ G 686 * 010 L # @ 0 ^ ++
TAZ G 686 * 010 L L @ 9 ^ ++
G
68
10
0.275
6
60
72
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29F^107*@G+
TAZ G 107 * 010 L # @ 0 ^ ++
TAZ G 107 * 010 L L @ 9 ^ ++
G
100
10
0.275
10
100
120
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29F^107*@H+
TAZ H 107 * 010 L # @ 0 ^ ++
TAZ H 107 * 010 L L @ 9 ^ ++
H
100
10
0.18
10
100
120
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^157*@H+
TAZ H 157 * 010 L # @ 0 ^ ++
TAZ H 157 * 010 L L @ 9 ^ ++
H
150
10
0.18
15
150
180
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^157*@X+
TAZ X 157 * 010 L # @ 0 ^ ++
TAZ X 157 * 010 L L @ 9 ^ ++
X
150
10
0.065
15
150
180
10
12
12
0.200
1.75
1.58
0.70
0.11
0.10
0.05
CWR29F^227*@H+
TAZ H 227 * 010 L # @ 0 ^ ++
TAZ H 227 * 010 L L @ 9 ^ ++
H
220
10
0.18
20
200
240
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^684*@A+
TAZ A 684 * 015 L # @ 0 ^ ++
TAZ A 684 * 015 L L @ 9 ^ ++
A
0.68
15
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29H^105*@A+
TAZ A 105 * 015 L # @ 0 ^ ++
TAZ A 105 * 015 L L @ 9 ^ ++
A
1
15
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29H^155*@A+
TAZ A 155 * 015 L # @ 0 ^ ++
TAZ A 155 * 015 L L @ 9 ^ ++
A
1.5
15
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29H^155*@B+
TAZ B 155 * 015 L # @ 0 ^ ++
TAZ B 155 * 015 L L @ 9 ^ ++
B
1.5
15
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29H^225*@A+
TAZ A 225 * 015 L # @ 0 ^ ++
TAZ A 225 * 015 L L @ 9 ^ ++
A
2.2
15
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29H^225*@C+
TAZ C 225 * 015 L # @ 0 ^ ++
TAZ C 225 * 015 L L @ 9 ^ ++
C
2.2
15
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29H^335*@B+
TAZ B 335 * 015 L # @ 0 ^ ++
TAZ B 335 * 015 L L @ 9 ^ ++
B
3.3
15
3.6
1
10
12
6
8
8
0.070
0.14
0.13
0.06
0.50
0.45
0.20
CWR29H^335*@D+
TAZ D 335 * 015 L # @ 0 ^ ++
TAZ D 335 * 015 L L @ 9 ^ ++
D
3.3
15
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29H^475*@B+
TAZ B 475 * 015 L # @ 0 ^ ++
TAZ B 475 * 015 L L @ 9 ^ ++
B
4.7
15
2
1
10
12
6
8
8
0.070
0.19
0.17
0.07
0.37
0.34
0.15
CWR29H^475*@C+
TAZ C 475 * 015 L # @ 0 ^ ++
TAZ C 475 * 015 L L @ 9 ^ ++
C
4.7
15
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29H^475*@D+
TAZ D 475 * 015 L # @ 0 ^ ++
TAZ D 475 * 015 L L @ 9 ^ ++
D
4.7
15
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29H^475*@E+
TAZ E 475 * 015 L # @ 0 ^ ++
TAZ E 475 * 015 L L @ 9 ^ ++
E
4.7
15
1.2
1
10
12
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29H^685*@D+
TAZ D 685 * 015 L # @ 0 ^ ++
TAZ D 685 * 015 L L @ 9 ^ ++
D
6.8
15
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29H^685*@E+
TAZ E 685 * 015 L # @ 0 ^ ++
TAZ E 685 * 015 L L @ 9 ^ ++
E
6.8
15
0.9
1
10
12
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29H^106*@D+
TAZ D 106 * 015 L # @ 0 ^ ++
TAZ D 106 * 015 L L @ 9 ^ ++
D
10
15
2
2
20
24
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29H^106*@E+
TAZ E 106 * 015 L # @ 0 ^ ++
TAZ E 106 * 015 L L @ 9 ^ ++
E
10
15
1.2
2
20
24
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29H^106*@F+
TAZ F 106 * 015 L # @ 0 ^ ++
TAZ F 106 * 015 L L @ 9 ^ ++
F
10
15
0.667
2
20
24
6
8
8
0.100
0.39
0.35
0.15
0.26
0.23
0.10
CWR29H^156*@E+
TAZ E 156 * 015 L # @ 0 ^ ++
TAZ E 156 * 015 L L @ 9 ^ ++
E
15
15
1.2
2
20
24
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29H^156*@F+
TAZ F 156 * 015 L # @ 0 ^ ++
TAZ F 156 * 015 L L @ 9 ^ ++
F
15
15
0.8
2
20
24
8
10
10
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29H^226*@F+
TAZ F 226 * 015 L # @ 0 ^ ++
TAZ F 226 * 015 L L @ 9 ^ ++
F
22
15
0.8
3
30
36
8
10
10
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29H^226*@G+
TAZ G 226 * 015 L # @ 0 ^ ++
TAZ G 226 * 015 L L @ 9 ^ ++
G
22
15
0.275
4
40
48
6
8
8
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^336*@F+
TAZ F 336 * 015 L # @ 0 ^ ++
TAZ F 336 * 015 L L @ 9 ^ ++
F
33
15
0.8
5
50
60
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29H^336*@G+
TAZ G 336 * 015 L # @ 0 ^ ++
TAZ G 336 * 015 L L @ 9 ^ ++
G
33
15
0.275
6
60
72
8
10
10
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^336*@H+
TAZ H 336 * 015 L # @ 0 ^ ++
TAZ H 336 * 015 L L @ 9 ^ ++
H
33
15
0.18
5
50
60
8
8
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^476*@G+
TAZ G 476 * 015 L # @ 0 ^ ++
TAZ G 476 * 015 L L @ 9 ^ ++
G
47
15
0.275
10
100
120
8
10
10
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^476*@H+
TAZ H 476 * 015 L # @ 0 ^ ++
TAZ H 476 * 015 L L @ 9 ^ ++
H
47
15
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^686*@G+
TAZ G 686 * 015 L # @ 0 ^ ++
TAZ G 686 * 015 L L @ 9 ^ ++
G
68
15
0.275
10
100
120
8
10
10
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^686*@H+
TAZ H 686 * 015 L # @ 0 ^++
TAZ H 686 * 015 L L @ 9 ^ ++
H
68
15
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^107*@H+
TAZ H 107 * 015 L # @ 0 ^ ++
TAZ H 107 * 015 L L @ 9 ^ ++
H
100
15
0.18
15
150
180
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^474*@A+
TAZ A 474 * 020 L # @ 0 ^ ++
TAZ A 474 * 020 L L @ 9 ^ ++
A
0.47
20
7.5
1
10
12
8
8
10
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29J^684*@A+
TAZ A 684 * 020 L # @ 0 ^ ++
TAZ A 684 * 020 L L @ 9 ^ ++
A
0.68
20
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn