Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAZH686K004CBSBT000 Datasheet(PDF) 14 Page - AVX Corporation

Part No. TAZH686K004CBSBT000
Description  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K004CBSBT000 Datasheet(HTML) 14 Page - AVX Corporation

Back Button TAZH686K004CBSBT000 Datasheet HTML 7Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 8Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 9Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 10Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 11Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 12Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 13Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 14Page - AVX Corporation TAZH686K004CBSBT000 Datasheet HTML 15Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
20
JUNE 2013
TAZ Series
CWR29 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR29 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR29N^224*@B+
TAZ B 224 * 050 L # @ 0 ^ ++
TAZ B 224 * 050 L L @ 9 ^ ++
B
0.22
50
6.8
1
10
12
6
8
8
0.070
0.10
0.09
0.04
0.69
0.62
0.28
CWR29N^334*@B+
TAZ B 334 * 050 L # @ 0 ^ ++
TAZ B 334 * 050 L L @ 9 ^ ++
B
0.33
50
4.8
1
10
12
6
8
8
0.070
0.12
0.11
0.05
0.58
0.52
0.23
CWR29N^474*@C+
TAZ C 474 * 050 L # @ 0 ^ ++
TAZ C 474 * 050 L L @ 9 ^ ++
C
0.47
50
3.2
1
10
12
6
8
8
0.075
0.15
0.14
0.06
0.49
0.44
0.20
CWR29N^684*@D+
TAZ D 684 * 050 L # @ 0 ^ ++
TAZ D 684 * 050 L L @ 9 ^ ++
D
0.68
50
2.3
1
10
12
6
8
8
0.080
0.19
0.17
0.07
0.43
0.39
0.17
CWR29N^105*@E+
TAZ E 105 * 050 L # @ 0 ^ ++
TAZ E 105 * 050 L L @ 9 ^ ++
E
1
50
1.7
1
10
12
6
8
8
0.090
0.23
0.21
0.09
0.39
0.35
0.16
CWR29N^155*@F+
TAZ F 155 * 050 L # @ 0 ^ ++
TAZ F 155 * 050 L L @ 9 ^ ++
F
1.5
50
1.1
1
10
12
6
8
8
0.100
0.30
0.27
0.12
0.33
0.30
0.13
CWR29N^225*@F+
TAZ F 225 * 050 L # @ 0 ^ ++
TAZ F 225 * 050 L L @ 9 ^ ++
F
2.2
50
0.7
2
20
24
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29N^335*@G+
TAZ G 335 * 050 L # @ 0 ^ ++
TAZ G 335 * 050 L L @ 9 ^ ++
G
3.3
50
0.5
2
20
24
6
8
8
0.125
0.50
0.45
0.20
0.25
0.23
0.10
CWR29N^475*@H+
TAZ H 475 * 050 L # @ 0 ^ ++
TAZ H 475 * 050 L L @ 9 ^ ++
H
4.7
50
0.5
3
30
36
6
8
8
0.150
0.55
0.49
0.22
0.27
0.25
0.11
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn