Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR5028-561Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR5028-561Y
Description  SRR5028 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR5028-561Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR5028-561Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR5028-561Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRR5028 Series - Shielded SMD Power Inductors
Features
Height of 3.0 mm max.
Current rating up to 3.0 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
6R2
5.80 ± 0.30
(.228 ± .012)
5.80 ± 0.30
(.228 ± .012)
1.90
(.075)
TYP.
2.00
(.079)
TYP.
1.90
(.075)
TYP.
2.80 ± 0.20
(.110 ± .008)
General Specifications
Test Voltage .....................0.1 V, 100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core Material.................................Ferrite
Wire ............................Enameled Copper
Adhesive..............................Epoxy Resin
Terminal.....................................Ag/Ni/Sn
Rated Current .........Ind. drop of 35 % typ.
at Isat
Temperature Rise .............30 ˚C typ. at Irms
Packaging.....................400 pcs. per reel
Recommended Layout
6.30
(.248)
2.20
(.087)
REF.
1.90
(.075)
REF.
2.20
(.087)
REF.
2.20
(.087)
REF.
REF.
R
Inductance 100 kHz
Q
Test
SRF
DCR
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Typ.
Max.
Irms
Isat
(MHz)
(MHz)
(m
Ω)
(A)
(A)
SRR5028-2R6Y
2.6
±30
7
7.96
77
30
3.00
2.70
SRR5028-3R0Y
3.0
±30
7
7.96
65
30
2.80
2.50
SRR5028-4R2Y
4.2
±30
7
7.96
51
35
2.50
2.20
SRR5028-5R3Y
5.3
±30
7
7.96
45
40
2.30
1.90
SRR5028-6R2Y
6.2
±30
7
7.96
39
45
2.20
1.80
SRR5028-8R2Y
8.2
±30
7
7.96
34
55
2.10
1.60
SRR5028-100Y
10
±30
9
2.52
30
70
1.50
1.40
SRR5028-120Y
12
±30
11
2.52
28
80
1.46
1.25
SRR5028-150Y
15
±30
9
2.52
22
100
1.37
1.15
SRR5028-180Y
18
±30
10
2.52
20
110
1.25
1.10
SRR5028-220Y
22
±30
7
2.52
20
120
1.15
1.00
SRR5028-270Y
27
±30
10
2.52
17
160
1.05
0.90
SRR5028-330Y
33
±30
11
2.52
13
190
0.90
0.78
SRR5028-390Y
39
±30
8
2.52
13
210
0.86
0.72
SRR5028-470Y
47
±30
7
2.52
13
250
0.82
0.65
SRR5028-560Y
56
±30
9
2.52
12
300
0.72
0.60
SRR5028-680Y
68
±30
8
2.52
11
350
0.62
0.56
SRR5028-820Y
82
±30
8
2.52
9
430
0.52
0.50
SRR5028-101Y
100
±30
8
0.796
8
480
0.45
0.45
SRR5028-151Y
150
±30
7
0.796
7.5
900
0.33
0.35
SRR5028-221Y
220
±30
7
0.796
6.5
1250
0.30
0.30
SRR5028-331Y
330
±30
8
0.796
5
2000
0.20
0.20
SRR5028-471Y
470
±30
12
0.796
5
2500
0.30
0.23
SRR5028-561Y
560
±30
12
0.796
4
3920
0.14
0.14
SRR5028-681Y
680
±30
11
0.796
3
4300
0.13
0.14
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
Soldering Profile


Similar Part No. - SRR5028-561Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR5028-561Y BOURNS-SRR5028-561Y Datasheet
398Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR5028-561Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com