Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR5028-270Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR5028-270Y
Description  SRR5028 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR5028-270Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR5028-270Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR5028-270Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductance vs. Current
101
23
5 7 102
23
5 7
DC Current (mA)
103
104
23
5 7
100
101
7
5
3
2
102
103
7
5
3
2
7
5
3
2
150
3R0
470
151
331
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
08/07
SRR5028 Series - Shielded SMD Power Inductors
Packaging Specifications
18.0 + 0
(.709 + 0)
20.5
(.807)
2.0
± 0.5
(.079
± .020)
50.0 - 0
(1.969 - 0)
178.0
(7.00)
DIA.
13.0
(.511)
DIA.
13.0
(.511)
DIA.
21.0
± 0.8
(.827
± .032)
DIMENSIONS:
MM
(INCHES)
START
END
4.0
(.157)
12.0
(.472)
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
USER DIRECTION OF FEED
6R2
6R2
6R2
6R2
QTY: 400 PCS. PER REEL
Electrical Schematic
LCR METER


Similar Part No. - SRR5028-270Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR5028-270Y BOURNS-SRR5028-270Y Datasheet
398Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR5028-270Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com