Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAZH686K004CBSCTH00 Datasheet(PDF) 15 Page - AVX Corporation

Part No. TAZH686K004CBSCTH00
Description  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K004CBSCTH00 Datasheet(HTML) 15 Page - AVX Corporation

Back Button TAZH686K004CBSCTH00 Datasheet HTML 7Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 8Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 9Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 10Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 11Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 12Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 13Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 14Page - AVX Corporation TAZH686K004CBSCTH00 Datasheet HTML 15Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
JUNE 2013
21
TAZ Cots+, CWR09, CWR19 and
CWR29 Series
Tape and Reel Packaging
Solid Tantalum Chip TAZ Tape and reel packaging for automatic component placement.
Please enter required Suffix on order. Bulk packaging is standard.
TAZ TAPING SUFFIX TABLE
Case Size
Tape width
P
7" (180mm) reel
13" reel (330mm) reel
reference
mm
mm
Suffix
Qty.
Suffix
Qty.
A
8
4
R
2500
S
9000
B
12
4
R
2500
S
9000
C
12
4
R
2500
S
9000
D
12
4
R
2500
S
8000
E
12
4
R
2500
S
8000
F
12
8
R
1000
S
3000
G
12
8
R
500
S
2500
H
12
8
R
500
S
2500
Code
8mm Tape
12mm Tape
4±0.1
(0.157±0.004)
4±0.1
(0.157±0.004)
P*
or
or
8±0.1
(0.315±0.004)
8±0.1
(0.315±0.004)
G
0.75 min
(0.03 min)
0.75 min
(0.03 min)
F
3.5±0.04
(0.138±0.002)
5.5±0.05
(0.22±0.002)
E
1.75±0.1
(0.069±0.004)
1.75±0.1
(0.069±0.004)
W
8±0.3
(0.315±0.012)
12±0.3
(0.472±0.012)
P2
2±0.05
(0.079±0.002)
2±0.05
(0.079±0.002)
P0
4±0.1
(0.157±0.004)
4±0.1
(0.157±0.004)
D
1.5±0.1
(0.059±0.004)
1.5±0.1
(0.059±0.004)
-0
(-0)
-0
(-0)
D1
1.0 min
(0.039 min)
1.5 min
(0.059 min)
*See taping suffix tables for actual P dimension (component pitch).
TAPE SPECIFICATION
Tape dimensions comply to EIA RS 481 A
Dimensions A
0 and B0 of the pocket and
the tape thickness, K, are dependent on
the component size.
Tape materials do not affect component
solderability during storage.
Carrier Tape Thickness <0.4mm
Total Tape Thickness — K max
TAZ
Case size
Millimeters (Inches)
reference
DIM
A
2.0 (0.079)
B
4.0 (0.157)
D
4.0 (0.157)
E
4.0 (0.157)
F
4.0 (0.157)
G
4.0 (0.157)
H
4.0 (0.157)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn