Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2120 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # CP2120
Description  Integrated clock no extemal clock required On-Chip Voltage Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2120 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button CP2120 Datasheet HTML 6Page - Silicon Laboratories CP2120 Datasheet HTML 7Page - Silicon Laboratories CP2120 Datasheet HTML 8Page - Silicon Laboratories CP2120 Datasheet HTML 9Page - Silicon Laboratories CP2120 Datasheet HTML 10Page - Silicon Laboratories CP2120 Datasheet HTML 11Page - Silicon Laboratories CP2120 Datasheet HTML 12Page - Silicon Laboratories CP2120 Datasheet HTML 13Page - Silicon Laboratories CP2120 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CP2120
10
Rev. 0.4
5.1. Command Set
An SPI Master controls the CP2120 by sending commands across the SPI bus. Some commands initiate I2C
transactions, while other commands modify or monitor CP2120 operation and events.
5.2. Internal Registers
The CP2120 maintains a set of internal registers that can be modified to configure general purpose port I/O and I2C
operation and can be read to obtain device status. Commands reading to and writing from the internal registers can
be issued at any time, even while an I2C transaction is in progress, as they do not initiate any I2C bus transactions.
Table 3 shows a list of all internal registers.
5.2.1. Write to Internal Register
A Write to Internal Register command updates the value of one of the CP2120's Internal Registers. A Write to
Internal Register command begins with the command byte, 0x20, followed by the internal register address,
followed by the new value of the internal register. Only one register can be accessed per Write to Internal Register
command.
Table 3. Internal Register Addresses
Internal Register
Address
Section
IOCONFIG
0x00
7.
IOSTATE
0x01
7.
I2CCLOCK
0x02
6.1
I2CTO
0x03
6.1
I2CSTAT
0x04
6.2
I2CADR
0x05
6.1
RXBUFF
0x06
6.3
IOCONFIG2
0x07
7.
EDGEINT
0x08
7.
I2CTO2
0x09
6.1
0x20
COMMAND
REGISTER
X
DATA BYTE
SPI Master


Similar Part No. - CP2120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2120 ETC1-CP2120 Datasheet
272Kb / 3P
   TRANSHIELLD CP2000 SERIES
logo
Silicon Laboratories
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
List of Unclassifed Man...
CP2120A ETC1-CP2120A Datasheet
272Kb / 3P
   TRANSHIELLD CP2000 SERIES
More results

Similar Description - CP2120

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
   No External Clock Required
logo
UMC Corporation
UM6104 UMC-UM6104 Datasheet
312Kb / 6P
   fully static operation, no clock or refreshing required
logo
Integrated Circuit Syst...
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
   Communications Clock Monitor
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305_09 Datasheet
186Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER No external RC network required
logo
NTE Electronics
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com