Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C35DRY Datasheet(PDF) 3 Page - Silicon Laboratories

Part # C35DRY
Description  PLATING: SEE PART NUMBER CODING OPERTING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C35DRY Datasheet(HTML) 3 Page - Silicon Laboratories

  C35DRY Datasheet HTML 1Page - Silicon Laboratories C35DRY Datasheet HTML 2Page - Silicon Laboratories C35DRY Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR:
1
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
PARENTHETICAL INFORMATION IS FOR
REFERENCE ONLY
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5-1984
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 3 OF 3
SCALE: 2:1
MNH
C10879
A
THE INFORMATION HEREIN CONTAINS
PROPRIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OFSULLINS ELECTRONICS.
EDGECARD, .100 CC LP
SULLINS
ELECTRONICS
_ _C_ _DRY_
FILE NAME: Z:\Components\Part Assemblies\Customer Drawings\Customer Drawings for Catalog\C10879, _ _C_ _DRY_ PRINT: 3/2/2007
DESCRIPTION
CUSTOMER COPY
PART NUMBER
PART
NUMBER
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
_ _ C04DRY _ *
4
0.300
7.62
0.500
12.70
0.675
17.15
0.975
24.77
1.275
32.39
_ _ C05DRY _
5
0.400
10.16
0.600
15.24
0.775
19.69
1.075
27.31
1.375
34.93
_ _ C06DRY _
6
0.500
12.70
0.700
17.78
0.875
22.23
1.175
29.85
1.475
37.47
_ _ C07DRY _
7
0.600
15.24
0.800
20.32
0.975
24.77
1.275
32.39
1.575
40.01
_ _ C08DRY _
8
0.700
17.78
0.900
22.86
1.075
27.31
1.375
34.93
1.675
42.55
_ _ C10DRY _
10
0.900
22.86
1.100
27.94
1.275
32.39
1.575
40.01
1.875
47.63
_ _ C12DRY _
12
1.100
27.94
1.300
33.02
1.475
37.47
1.775
45.09
2.075
52.71
_ _ C13DRY _
13
1.200
30.48
1.400
35.56
1.575
40.01
1.875
47.63
2.175
55.25
_ _ C15DRY _
15
1.400
35.56
1.600
40.64
1.775
45.09
2.075
52.71
2.375
60.33
_ _ C17DRY _
17
1.600
40.64
1.800
45.72
1.975
50.17
2.275
57.79
2.575
65.41
_ _ C18DRY _
18
1.700
43.18
1.900
48.26
2.075
52.71
2.375
60.33
2.675
67.95
_ _ C19DRY _
19
1.800
45.72
2.000
50.80
2.175
55.25
2.475
62.87
2.775
70.49
_ _ C20DRY _
20
1.900
48.26
2.100
53.34
2.275
57.79
2.575
65.41
2.875
73.03
_ _ C22DRY _
22
2.100
53.34
2.300
58.42
2.475
62.87
2.775
70.49
3.075
78.11
_ _ C23DRY _ *
23
2.200
55.88
2.400
60.96
2.575
65.41
2.875
73.03
3.175
80.65
_ _ C25DRY _
25
2.400
60.96
2.600
66.04
2.775
70.49
3.075
78.11
3.375
85.73
_ _ C26DRY _
26
2.500
63.50
2.700
68.58
2.875
73.03
3.175
80.65
3.475
88.27
_ _ C28DRY _
28
2.700
68.58
2.900
73.66
3.075
78.11
3.375
85.73
3.675
93.35
_ _ C30DRY _
30
2.900
73.66
3.100
78.74
3.275
83.19
3.575
90.81
3.875
98.43
_ _ C31DRY _
31
3.000
76.20
3.200
81.28
3.375
85.73
3.675
93.35
3.975
100.97
_ _ C35DRY _
35
3.400
86.36
3.600
91.44
3.775
95.89
4.075
103.51
4.375
111.13
_ _ C36DRY _
36
3.500
88.90
3.700
93.98
3.875
98.43
4.175
106.05
4.475
113.67
_ _ C40DRY _
40
3.900
99.06
4.100
104.14
4.275
108.59
4.575
116.21
4.875
123.83
_ _ C43DRY _
43
4.200 106.68
4.400
111.76
4.575
116.21
4.875
123.83
5.175
131.45
_ _ C44DRY _
44
4.300 109.22
4.500
114.30
4.675
118.75
4.975
126.37
5.275
133.99
_ _ C49DRY _
49
4.800 121.92
5.000
127.00
5.175
131.45
5.475
139.07
5.775
146.69
_ _ C50DRY _
50
4.900 124.46
5.100
129.54
5.275
133.99
5.575
141.61
5.875
149.23
_ _ C52DRY _ *
52
5.100 129.54
5.300
134.62
5.475
139.07
5.775
146.69
6.075
154.31
_ _ C60DRY _
60
5.900 149.86
6.100
154.94
6.275
159.39
6.575
167.01
6.875
174.63
_ _ C65DRY _
65
6.400 162.56
6.600
167.64
6.775
172.09
7.075
179.71
7.375
187.33
* CONSULT FACTORY FOR AVAILABILITY
8.38
10.16
E .020[0.51]
F±.005[0.13]
D .010[0.25]
NO. OF
POS.
0.330
0.400
A .008[0.20]
B .008[0.20]
C .015[0.38]
RoHS COMPLIANT
PART NUMBER CODING
_ _ C _ _ DRY _
MATERIAL (INSULATOR/CONTACT)
MOUNTING STYLE
E=PBT/PHOSPHOR BRONZE
H =
.125" DIA. CLEARANCE HOLES (PAGE 1)
OPERATING TEMP: -65°C TO +125°C
NUMBER OF POSITIONS
I =
#4-40 THREADED INSERT (PAGE 2)
PROCESSING TEMP: 260°C FOR 10 SECS MAX
S =.125" DIA. SIDE MOUNTING (PAGE 2)
R=PPS/PHOSPHOR BRONZE
N =
NO MOUNTING EARS (PAGE 2)
OPERATING TEMP: -65°C TO +125°C
F =
FLOATING BOBBIN (PAGE 2)
PROCESSING TEMP: 260°C FOR 120 SECS MAX
PLATING
G=PA9T/PHOSPHOR BRONZE
ALL PLATINGS HAVE .000050" NICKEL UNDERPLATE
OPERATING TEMP: -65°C TO +125°C
CONTACT SURFACE
TERMINATION
PROCESSING TEMP: 260°C FOR 120 SECS MAX
G = .000010" GOLD
.000005" GOLD
H=PBT/BERYLLIUM COPPER
Y = .000030" GOLD
.000005" GOLD
OPERATING TEMP: -65°C TO +125°C
B = .000010" GOLD
.000100" PURE TIN, MATTE
PROCESSING TEMP: 260°C FOR 10 SECS MAX
C = .000030" GOLD
.000100" PURE TIN, MATTE
A=PPS/BERYLLIUM COPPER
**E =.000100" PURE TIN, MATTE
OVERALL
OPERATING TEMP: -65°C TO +150°C
S = .000010" GOLD OVERALL
PROCESSING TEMP: 260°C FOR 120 SECS MAX
M =.000030" GOLD
.000010" GOLD OVERALL
J=PA9T/BERYLLIUM COPPER
LEAD FREE
OPERATING TEMP: -65°C TO +150°C
**ONLY AVAILABLE ON MATERIAL CODES E, R AND G
PROCESSING TEMP: 260°C FOR 120 SECS MAX
F=PPS/SPINODAL (CONSULT FACTORY)
OPERATING TEMP: -65°C TO +200°C
C=PPS/BERYLLIUM NICKEL (CONSULT FACTORY)
OPERATING TEMP: -65°C TO +200°C
PROCESSING TEMP: 260°C FOR 120 SECS MAX
W=PEEK/BERYLLIUM NICKEL (CONSULT FACTORY)
OPERATING TEMP: -65°C TO +250°C


Similar Part No. - C35DRY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C35DRT SILABS-C35DRT Datasheet
570Kb / 3P
   INSULATOR MATERIAL: SEEPART NUMBER CODING
C35DRX SILABS-C35DRX Datasheet
265Kb / 3P
   BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
More results

Similar Description - C35DRY

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
   SEE PART NUMBER DESCRIPTION
logo
Amphenol Corporation
P-UE78-BX127-00XX1 AMPHENOL-P-UE78-BX127-00XX1 Datasheet
394Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
List of Unclassifed Man...
N30E930000L ETC2-N30E930000L Datasheet
91Kb / 1P
   PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com