Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F345-GQ Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C8051F345-GQ
Description  On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F345-GQ Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C8051F345-GQ Datasheet HTML 7Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 8Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 9Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 10Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 11Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 12Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 13Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 14Page - Silicon Laboratories C8051F345-GQ Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 276 page
background image
Rev. 1.3
11
C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D
List of Tables
1. System Overview
Table 1.1. Product Selection Guide ......................................................................... 18
2. Absolute Maximum Ratings
Table 2.1. Absolute Maximum Ratings* .................................................................. 24
3. Global DC Electrical Characteristics
Table 3.1. Global DC Electrical Characteristics ....................................................... 25
Table 3.2. Index to Electrical Characteristics Tables ............................................... 27
4. Pinout and Package Definitions
Table 4.1. Pin Definitions for the C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D ................. 28
Table 4.2. TQFP-48 Package Dimensions .............................................................. 32
Table 4.3. TQFP-48 PCB Land Pattern Dimensions ............................................... 33
Table 4.4. LQFP-32 Package Dimensions .............................................................. 35
Table 4.5. LQFP-32 PCB Land Pattern Dimensions ............................................... 36
5. 10-Bit ADC (ADC0, C8051F340/1/2/3/4/5/6/7/A/B Only)
Table 5.1. ADC0 Electrical Characteristics .............................................................. 56
6. Voltage Reference (C8051F340/1/2/3/4/5/6/7/A/B Only)
Table 6.1. Voltage Reference Electrical Characteristics ......................................... 58
7. Comparators
Table 7.1. Comparator Electrical Characteristics .................................................... 68
8. Voltage Regulator (REG0)
Table 8.1. Voltage Regulator Electrical Specifications ............................................ 69
9. CIP-51 Microcontroller
Table 9.1. CIP-51 Instruction Set Summary ............................................................ 75
Table 9.2. Special Function Register (SFR) Memory Map ...................................... 82
Table 9.3. Special Function Registers ..................................................................... 83
Table 9.4. Interrupt Summary .................................................................................. 90
11. Reset Sources
Table 11.1. Reset Electrical Characteristics .......................................................... 106
12. Flash Memory
Table 12.1. Flash Electrical Characteristics .......................................................... 109
13. External Data Memory Interface and On-Chip XRAM
Table 13.1. AC Parameters for External Memory Interface ................................... 130
14. Oscillators
Table 14.1. Oscillator Electrical Characteristics .................................................... 141
15. Port Input/Output
Table 15.1. Port I/O DC Electrical Characteristics ................................................. 158
16. Universal Serial Bus Controller (USB0)
Table 16.1. Endpoint Addressing Scheme ............................................................ 160
Table 16.2. USB0 Controller Registers ................................................................. 165
Table 16.3. FIFO Configurations ........................................................................... 168
Table 16.4. USB Transceiver Electrical Characteristics ........................................ 187
17. SMBus
Table 17.1. SMBus Clock Source Selection .......................................................... 192


Similar Part No. - C8051F345-GQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F345-GQ ETC1-C8051F345-GQ Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F345-GQ SILABS-C8051F345-GQ Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
More results

Similar Description - C8051F345-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320 Datasheet
399Kb / 2P
   On-chip debug circuity gacilitates full speed, non-intrusive in-system debug (no emulator required)
logo
STMicroelectronics
STEVAL-IDS001V5M STMICROELECTRONICS-STEVAL-IDS001V5M Datasheet
266Kb / 6P
   Debug connector
July 2015 Rev 1
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
   In-Circuit Program Debug Emulation
logo
STMicroelectronics
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
   STM32 microcontroller debug toolbox
June 2017 Rev 2
logo
Future Technology Devic...
VNC2 FTDI-VNC2 Datasheet
590Kb / 16P
   VNC2 Debug Module
logo
Microchip Technology
AC162059 MICROCHIP-AC162059 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
logo
Dialog Semiconductor
SLG46827-A DIALOG-SLG46827-A Datasheet
2Mb / 180P
   Auto Grade GreenPAK Programmable Mixed-Signal Matrix with In-System Debug
logo
Renesas Technology Corp
SLG46827-A RENESAS-SLG46827-A Datasheet
4Mb / 182P
   Auto Grade GreenPAK Programmable Mixed-Signal Matrix with In-System Debug
15-Aug-2022
logo
List of Unclassifed Man...
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com