Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C04DRT Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C04DRT
Description  INSULATOR MATERIAL: SEEPART NUMBER CODING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C04DRT Datasheet(HTML) 1 Page - Silicon Laboratories

  C04DRT Datasheet HTML 1Page - Silicon Laboratories C04DRT Datasheet HTML 2Page - Silicon Laboratories C04DRT Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
RoHS COMPLIANT
C
.245 6.22
.186 4.72
.431 10.95
.025 0.64
A
A
FITS
.043 MIN HOLE
_ _ C _ _ DRTH
SECTION A - A
F
.265 6.73
INSERTION
DEPTH
.200±.025 5.08±0.64
TAIL LENGTH
.140 3.56
ROW SPACING
E
D
B
2X
.125 3.18
CARDSLOT
.075[1.90]
.100 2.54
A
CONTACT MARKINGS
B 1 2 3 ... 60 B
A 1 2 3 ... 60 A
NOTES:
INSULATOR MATERIAL: SEE PART NUMBER CODING
1.
CONTACT MATERIAL: SEE PART NUMBER CODING
2.
PLATING: SEE PART NUMBER CODING
3.
OPERATING TEMPERATURE: SEE PART NUMBER CODING
4.
PROCESSING TEMP: SEE PART NUMBER CODING
5.
UL FLAMMABILITY RATING: 94V-0
6.
VOLTAGE RATING: 600 VDC MINIMUM AT SEA LEVEL.
7.
CURRENT RATING: 3 AMP PER CONTACT PAIR
8.
VOLTAGE DROP: 30 MILLI VOLT AT RATED CURRENT
9.
INSULATION RESISTANCE: 5000 MEGA OHM
10.
CONNECTOR IDENTIFICATION: THE PART SHALL BE MARKED WITH A PART
11.
NUMBER AND BARCODE
BOARD THICKNESS ACCOMMODATED: .062 .008"
12.
BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062" TEST BLADE.
13.
INTERNAL INSPECTION TO BE PER SULLIN'S WORK INSTRUCTION W17.3-01.
BOARD WITHDRAWAL FORCE: 1 OUNCE MINIMUM PER CONTACT PAIR USING .062" PCB
14.
CONTACT ID
SCALE 2:1
REVISIONS
REV. ECO. NO
DESCRIPTION
DATE
BY
A
1254
INITIAL RELEASE
1-25-07
MNH
B
2072
ADD B MOUNTING STYLE
11/05/09
JH
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR: 30'
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
SURFACE FINISH: 63 Ra
REMOVE ALL BURRS AND SHARP EDGES .010 MAX
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 1 OF 3
SCALE: 2:1
MNH
C10878
B
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
EDGECARD, .100 CC LP
_ _C_ _DRT_
FILE NAME: Z:\ECO PENDING\2072\C10878, _ _C_ _DRT_ PRINT: 1/28/2010
DESCRIPTION
1/25/07
PART NUMBER
CUSTOMER COPY


Similar Part No. - C04DRT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C04DRX SILABS-C04DRX Datasheet
265Kb / 3P
   BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
C04DRY SILABS-C04DRY Datasheet
107Kb / 3P
   PLATING: SEE PART NUMBER CODING OPERTING
More results

Similar Description - C04DRT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C10879 SILABS-C10879 Datasheet
107Kb / 3P
   PLATING: SEE PART NUMBER CODING OPERTING
logo
Assmann Electronics Inc...
AWHW20-G-SMD ASSMANN-AWHW20-G-SMD Datasheet
179Kb / 1P
   Insulator Material
ADIP-10-Z-LC ASSMANN-ADIP-10-Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL
ADIP-14-Z-LC ASSMANN-ADIP-14-Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
   Coding Pins
logo
Assmann Electronics Inc...
ADIP-16-Z-LC ASSMANN-ADIP-16-Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Pepperl+Fuchs Inc.
KF-CP PF-KF-CP Datasheet
345Kb / 1P
   Coding Pins
logo
FCI connector
70274-001LF FCI-CONNECTOR-70274-001LF Datasheet
94Kb / 1P
   MALE CODING
logo
WECO ELECTRICAL CONNECT...
130-CP WECO-130-CP Datasheet
53Kb / 1P
   Coding element
10.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com