Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F341 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # C8051F341
Description  On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F341 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button C8051F341 Datasheet HTML 4Page - Silicon Laboratories C8051F341 Datasheet HTML 5Page - Silicon Laboratories C8051F341 Datasheet HTML 6Page - Silicon Laboratories C8051F341 Datasheet HTML 7Page - Silicon Laboratories C8051F341 Datasheet HTML 8Page - Silicon Laboratories C8051F341 Datasheet HTML 9Page - Silicon Laboratories C8051F341 Datasheet HTML 10Page - Silicon Laboratories C8051F341 Datasheet HTML 11Page - Silicon Laboratories C8051F341 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 276 page
background image
C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D
8
Rev. 1.3
List of Figures
1. System Overview
Figure 1.1. C8051F340/1/4/5 Block Diagram ........................................................... 19
Figure 1.2. C8051F342/3/6/7 Block Diagram ........................................................... 20
Figure 1.3. C8051F348/C Block Diagram................................................................. 21
Figure 1.4. C8051F349/D Block Diagram................................................................. 22
Figure 1.5. C8051F34A/B Block Diagram ................................................................ 23
4. Pinout and Package Definitions
Figure 4.1. TQFP-48 Pinout Diagram (Top View) .................................................... 31
Figure 4.2. TQFP-48 Package Diagram ................................................................... 32
Figure 4.3. TQFP-48 Recommended PCB Land Pattern ......................................... 33
Figure 4.4. LQFP-32 Pinout Diagram (Top View)..................................................... 34
Figure 4.5. LQFP-32 Package Diagram ................................................................... 35
Figure 4.6. LQFP-32 Recommended PCB Land Pattern ......................................... 36
Figure 4.7. QFN-32 Pinout Diagram (Top View) ...................................................... 37
5. 10-Bit ADC (ADC0, C8051F340/1/2/3/4/5/6/7/A/B Only)
Figure 5.1. ADC0 Functional Block Diagram............................................................ 41
Figure 5.2. Temperature Sensor Transfer Function ................................................. 43
Figure 5.3. Temperature Sensor Error with 1-Point Calibration (VREF = 2.40 V) .... 44
Figure 5.4. 10-Bit ADC Track and Conversion Example Timing .............................. 46
Figure 5.5. ADC0 Equivalent Input Circuits .............................................................. 47
Figure 5.6. ADC Window Compare Example: Right-Justified Single-Ended Data ... 54
Figure 5.7. ADC Window Compare Example: Left-Justified Single-Ended Data...... 54
Figure 5.8. ADC Window Compare Example: Right-Justified Differential Data........ 55
Figure 5.9. ADC Window Compare Example: Left-Justified Differential Data .......... 55
6. Voltage Reference (C8051F340/1/2/3/4/5/6/7/A/B Only)
Figure 6.1. Voltage Reference Functional Block Diagram........................................ 57
7. Comparators
Figure 7.1. Comparator Functional Block Diagram .................................................. 60
Figure 7.2. Comparator Hysteresis Plot ................................................................... 61
8. Voltage Regulator (REG0)
Figure 8.1. REG0 Configuration: USB Bus-Powered ............................................... 70
Figure 8.2. REG0 Configuration: USB Self-Powered ............................................... 70
Figure 8.3. REG0 Configuration: USB Self-Powered, Regulator Disabled............... 71
Figure 8.4. REG0 Configuration: No USB Connection ............................................. 71
9. CIP-51 Microcontroller
Figure 9.1. CIP-51 Block Diagram............................................................................ 73
Figure 9.2. On-Chip Memory Map for 64 kB Devices............................................... 79
Figure 9.3. On-Chip Memory Map for 32 kB Devices............................................... 80
11. Reset Sources
Figure 11.1. Reset Sources.................................................................................... 100
Figure 11.2. Power-On and VDD Monitor Reset Timing ........................................ 101


Similar Part No. - C8051F341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F341 ETC1-C8051F341 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F341 SILABS-C8051F341 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F341 SILABS-C8051F341 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
logo
List of Unclassifed Man...
C8051F341-GQ ETC1-C8051F341-GQ Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F341-GQ SILABS-C8051F341-GQ Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
More results

Similar Description - C8051F341

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320 Datasheet
399Kb / 2P
   On-chip debug circuity gacilitates full speed, non-intrusive in-system debug (no emulator required)
logo
STMicroelectronics
STEVAL-IDS001V5M STMICROELECTRONICS-STEVAL-IDS001V5M Datasheet
266Kb / 6P
   Debug connector
July 2015 Rev 1
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
   In-Circuit Program Debug Emulation
logo
STMicroelectronics
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
   STM32 microcontroller debug toolbox
June 2017 Rev 2
logo
Future Technology Devic...
VNC2 FTDI-VNC2 Datasheet
590Kb / 16P
   VNC2 Debug Module
logo
Microchip Technology
AC162059 MICROCHIP-AC162059 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
logo
Dialog Semiconductor
SLG46827-A DIALOG-SLG46827-A Datasheet
2Mb / 180P
   Auto Grade GreenPAK Programmable Mixed-Signal Matrix with In-System Debug
logo
Renesas Technology Corp
SLG46827-A RENESAS-SLG46827-A Datasheet
4Mb / 182P
   Auto Grade GreenPAK Programmable Mixed-Signal Matrix with In-System Debug
15-Aug-2022
logo
List of Unclassifed Man...
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com