Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X5R1A105K Datasheet(PDF) 5 Page - TDK Electronics

Part # C1005X5R1A105K
Description  TDK MLCC PRODUCT LINE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005X5R1A105K Datasheet(HTML) 5 Page - TDK Electronics

  C1005X5R1A105K Datasheet HTML 1Page - TDK Electronics C1005X5R1A105K Datasheet HTML 2Page - TDK Electronics C1005X5R1A105K Datasheet HTML 3Page - TDK Electronics C1005X5R1A105K Datasheet HTML 4Page - TDK Electronics C1005X5R1A105K Datasheet HTML 5Page - TDK Electronics C1005X5R1A105K Datasheet HTML 6Page - TDK Electronics C1005X5R1A105K Datasheet HTML 7Page - TDK Electronics C1005X5R1A105K Datasheet HTML 8Page - TDK Electronics C1005X5R1A105K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
Capacitance
(pF)
Cap
Code
C0402
01005
C0603
0201
C1005
0402
C1608
0603
1C
(16V)
1H
(50V)
1E
(25V)
1H
(50V)
1H
(50V)
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.75
R75
0.8
0R8
0.9
0R9
1.0
010
1.1
1R1
1.2
1R2
1.3
1R3
1.5
1R5
1.6
1R6
1.8
1R8
2.0
020
2.2
2R2
2.4
2R4
2.5
2R5
2.7
2R7
3.0
030
3.3
3R3
3.5
3R5
3.6
3R6
3.9
3R9
4.0
040
4.3
4R3
4.7
4R7
5.0
050
5.1
5R1
5.6
5R6
6.0
060
6.2
6R2
6.8
6R8
7.0
070
7.5
7R5
8.0
080
8.2
8R2
9.0
090
9.1
9R1
10
100
11
110
12
120
13
130
15
150
16
160
18
180
20
200
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
CGJ4
C2012/CC0805
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
C0G
C SERIES | General Application / C0G, SL
©TDK Corporation of America – Contents are subject to change without notice.
4
Capacitance
(pF)
Cap
Code
C0402
01005
C0603
0201
C1005
0402
C1608
0603
C2012
0805
C3216
1206
1C
(16V)
1H
(50V)
1E
(25V)
1H
(50V)
1E
(25V)
1A
(10V)
1H
(50V)
1E
(25V)
1H
(50V)
1E
(25V)
1H
(50V)
22
220
24
240
27
270
30
330
33
330
36
360
39
390
43
430
47
470
51
510
56
560
62
620
68
680
75
750
82
820
91
910
100
101
110
111
120
121
130
131
150
151
160
161
180
181
200
201
220
221
240
24
270
271
300
301
330
331
360
361
390
391
430
431
470
471
510
511
560
561
620
621
680
681
750
751
820
821
910
911
1,000
102
1,200
122
1,500
152
1,800
182
2,200
222
2,700
272
3,300
332
3,900
392
4,700
472
SL


Similar Part No. - C1005X5R1A105K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
logo
Texas Instruments
C1005X5R1A105K TI-C1005X5R1A105K Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
logo
TDK Electronics
C1005X5R1A105K TDK-C1005X5R1A105K Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
ON Semiconductor
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
More results

Similar Description - C1005X5R1A105K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R0J475K TDK-C1005X5R0J475K Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
C3225X7S1H106M TDK-C3225X7S1H106M Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA301C104K4R AVX-AA301C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA105C104K4R AVX-AA105C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Tyco Electronics
180351-8 MACOM-180351-8 Datasheet
649Kb / 15P
   FASTIN-FASTON Product Line
logo
Renesas Technology Corp
SLG7TD43741 RENESAS-SLG7TD43741 Datasheet
2Mb / 16P
   TDK Power Strip Sequencer 1
June 21, 2022
logo
List of Unclassifed Man...
SGC3S060 ETC2-SGC3S060 Datasheet
110Kb / 1P
   OUTLINE DWG SGC3 PRODUCT LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com