Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X7R1A104K Datasheet(PDF) 6 Page - TDK Electronics

Part # C1005X7R1A104K
Description  TDK MLCC PRODUCT LINE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005X7R1A104K Datasheet(HTML) 6 Page - TDK Electronics

Back Button C1005X7R1A104K Datasheet HTML 2Page - TDK Electronics C1005X7R1A104K Datasheet HTML 3Page - TDK Electronics C1005X7R1A104K Datasheet HTML 4Page - TDK Electronics C1005X7R1A104K Datasheet HTML 5Page - TDK Electronics C1005X7R1A104K Datasheet HTML 6Page - TDK Electronics C1005X7R1A104K Datasheet HTML 7Page - TDK Electronics C1005X7R1A104K Datasheet HTML 8Page - TDK Electronics C1005X7R1A104K Datasheet HTML 9Page - TDK Electronics C1005X7R1A104K Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
CGJ4
C2012/CC0805
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
Capacitance
(pF)
Cap
Code
C1608
0603
C2012
0805
C3216
1206
C3225
1210
C4532
1812
1H
(50V)
1E
(25V)
1A
(10V)
1H
(50V)
1E
(25V)
1A
(10V)
1H
(50V)
1E
(25V)
1A
(10V)
1H
(50V)
1H
(50V)
5,600
562
6,800
682
8,200
822
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
C SERIES | General Application / C0G, SL, X5R
C0G
SL
5
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
CGJ4
C2012/CC0805
CGJ5
C3216/CC1206
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
Capacitance
(pF)
Cap
Code
C0402
01005
C0603
0201
C1005
0402
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
100
101
150
151
220
221
330
331
470
471
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
X5R
©TDK Corporation of America – Contents are subject to change without notice.


Similar Part No. - C1005X7R1A104K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1A104K TDK-C1005X7R1A104K Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
C1005X7R1A104K050BB TDK-C1005X7R1A104K050BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005X7R1A104K050BB TDK-C1005X7R1A104K050BB_17 Datasheet
237Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005X7R1A104K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R0J475K TDK-C1005X5R0J475K Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
C3225X7S1H106M TDK-C3225X7S1H106M Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA301C104K4R AVX-AA301C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA105C104K4R AVX-AA105C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Tyco Electronics
180351-8 MACOM-180351-8 Datasheet
649Kb / 15P
   FASTIN-FASTON Product Line
logo
Renesas Technology Corp
SLG7TD43741 RENESAS-SLG7TD43741 Datasheet
2Mb / 16P
   TDK Power Strip Sequencer 1
June 21, 2022
logo
List of Unclassifed Man...
SGC3S060 ETC2-SGC3S060 Datasheet
110Kb / 1P
   OUTLINE DWG SGC3 PRODUCT LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com