Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4520C0G3F680K Datasheet(PDF) 5 Page - TDK Electronics

Part # C4520C0G3F680K
Description  C Series High Voltage Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4520C0G3F680K Datasheet(HTML) 5 Page - TDK Electronics

  C4520C0G3F680K Datasheet HTML 1Page - TDK Electronics C4520C0G3F680K Datasheet HTML 2Page - TDK Electronics C4520C0G3F680K Datasheet HTML 3Page - TDK Electronics C4520C0G3F680K Datasheet HTML 4Page - TDK Electronics C4520C0G3F680K Datasheet HTML 5Page - TDK Electronics C4520C0G3F680K Datasheet HTML 6Page - TDK Electronics C4520C0G3F680K Datasheet HTML 7Page - TDK Electronics C4520C0G3F680K Datasheet HTML 8Page - TDK Electronics C4520C0G3F680K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), X7R (± 15%)
Rated Voltage: 3,000 (3F), 2,000V (3D), 1,000V (3A)
C4532 [EIA CC1812]
US Catalog // High Voltage C4532 Series // Version A11
1.30 ± 0.20 mm
1.60 ± 0.20 mm
2.00 ± 0.20 mm
2.30 ± 0.20 mm
2.50 ± 0.30 mm
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (0 ± 30 ppm/ºC)
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (± 15%)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C4532C0G3F101K
C0G
3000V
100
± 10%
1.60 ± 0.20
C4532C0G3F121K
C0G
3000V
120
± 10%
1.60 ± 0.20
C4532C0G3F151K
C0G
3000V
150
± 10%
1.60 ± 0.20
C4532C0G3F181K
C0G
3000V
180
± 10%
1.60 ± 0.20
C4532C0G3F221K
C0G
3000V
220
± 10%
2.00 ± 0.20
C4532C0G3F271K
C0G
3000V
270
± 10%
2.30 ± 0.20
C4532C0G3F331K
C0G
3000V
330
± 10%
2.50 ± 0.30
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C4532X7R3A472K
X7R
1000V
4,700
± 10%
1.60 ± 0.20
C4532X7R3A103K
X7R
1000V
10,000
± 10%
2.00 ± 0.20
C4532X7R3D222K
X7R
2000V
2,200
± 10%
1.30 ± 0.20
Standard Thickness
C0G
3F
(3,000V)
3D
(2,000V)
3A
(1,000V)
100
101
120
121
150
151
180
181
220
221
270
271
330
331
2,200
222
4,700
472
10,000
103
K: ± 10%
Capacitance
(pF)
Cap
Code
Tolerance
X7R
• All specifications are subject to change without notice. Please read the precautions before using the product.


Similar Part No. - C4520C0G3F680K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA Datasheet
1Mb / 7P
   C Series Commercial Grade High Voltage (1000V and over)
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA Datasheet
1Mb / 7P
   MULTILAYER CERAMIC CHIP CAPACITORS
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results

Similar Description - C4520C0G3F680K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1C473K TDK-C1005X7R1C473K Datasheet
1Mb / 72P
   C Series General Application
C3225X7R1C226KT TDK-C3225X7R1C226KT Datasheet
1Mb / 72P
   C Series General Application
C4532X7R2A225K TDK-C4532X7R2A225K Datasheet
1Mb / 72P
   C Series General Application
C3216X7R2A105M TDK-C3216X7R2A105M Datasheet
1Mb / 72P
   C Series General Application
C2012X7R1E474KT TDK-C2012X7R1E474KT Datasheet
1Mb / 72P
   C Series General Application
C5750X7R1H106M TDK-C5750X7R1H106M Datasheet
1Mb / 72P
   C Series General Application
C0603C0G1E220J TDK-C0603C0G1E220J Datasheet
1Mb / 72P
   C Series General Application
logo
KODENSHI_AUK CORP.
BF422 KODENSHI-BF422 Datasheet
212Kb / 4P
   High voltage application
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com