Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AK101KAFAA Datasheet(PDF) 3 Page - AVX Corporation

Part # 5AK101KAFAA
Description  Disc Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5AK101KAFAA Datasheet(HTML) 3 Page - AVX Corporation

  5AK101KAFAA Datasheet HTML 1Page - AVX Corporation 5AK101KAFAA Datasheet HTML 2Page - AVX Corporation 5AK101KAFAA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8
Temp.
Coefficient
N750
N1500
Digits 1, 2, 3
of P.N.
5GK
5GQ
5GR
5GS
5GT
5GU
5GW
5HK
5HQ
Rated
100 VDC
500 VDC
1000 VDC
2000 VDC
3000 VDC
4000 VDC
5000 VDC
100 VDC
500 VDC
Voltage (VR)
130 VAC
250 VAC
380 VAC
440 VAC
550 VAC
CR (pF)
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
5.0 (0.197)
9.0
5.0 (0.197)
6.0 (0.236)
10
5.0 (0.197)
5.0 (0.197)
12
6.0 (0.236)
15
5.0 (0.197)
5.0 (0.197)
18
8.0 (0.315)
5.0 (0.197)
22
6.0 (0.236)
8.0 (0.315)
27
6.0 (0.236)
33
8.0 (0.315)
9.0 (0.354)
39
6.0 (0.236)
9.0 (0.354)
47
6.0 (0.236)
8.0 (0.315)
10.0 (0.394)
56
8.0 (0.315)
9.0 (0.354)
11.0 (0.433)
11.0 (0.433)
68
7.0 (0.276)
6.0 (0.236)
82
7.0 (0.276)
9.0 (0.354)
10.0 (0.394)
12.0 (0.472)
100
8.0 (0.315)
9.0 (0.354)
11.0 (0.433)
12.0 (0.472)
14.0 (0.551)
7.0 (0.276)
120
8.0 (0.315)
11.0 (0.433)
14.0 (0.551)
7.0 (0.276)
150
9.0 (0.354)
10.0 (0.394)
14.0 (0.551)
8.0 (0.315)
180
11.0 (0.433)
12.0 (0.472)
12.0 (0.472)
8.0 (0.315)
220
10.0 (0.394)
14.0 (0.551)
16.0 (0.630)
9.0 (0.354)
270
11.0 (0.433)
14.0 (0.551)
14.0 (0.551)
9.0 (0.354)
11.0 (0.433)
330
16.0 (0.630)
10.0 (0.394)
CLASS I - CAPACITANCE VS. DISC DIAMETER
millimeters (inches)
Disc Ceramic Capacitors
Dimension Table - Class I Temperature Compensating


Similar Description - 5AK101KAFAA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com