Electronic Components Datasheet Search |
|
C4520C0G3F100F Datasheet(PDF) 6 Page - TDK Electronics |
|
C4520C0G3F100F Datasheet(HTML) 6 Page - TDK Electronics |
6 / 12 page • All specifications are subject to change without notice. Please read the precautions before using the product. US Catalog // C Series — High Voltage Application // Version A11 C Series — High Voltage Application General Specifications Reflow solder the capacitors on P.C. board (shown in Appendix 1) and apply a pushing force of 5N with 10±1s. No sign of termination coming off, breakage of ceramic, or other abnormal signs. Robustness of Terminations 9 Capacitance shall be measured by the steps shown in the following table after thermal equilibrium is obtained for each step. ∆C be calculated ref. STEP3 reading Capacitance Change (%) Temperature Characteristics of Capacitance (Class 2) 8 Temperature coefficient shall be calculated based on values at 25ºC and 85ºC temperature. Measuring temperature below 20ºC shall be -10ºC and -25ºC. Capacitance drift within ± 0.2% or ± 0.05pF, whichever larger. Temperature Characteristics of Capacitance (Class 1) 7 Inspect with magnifying glass (3×). No defects which may affect performance. External Appearance 1 Apply 500V DC for 60s. 10,000MΩ min. Insulation Resistance 2 Test or Inspection Method Performance Item No. See No.4 in this table for measuring condition. Dissipation Factor (Class 2) 6 See No.4 in this table for measuring condition. C : Rated capacitance (pF) Q (Class 1) 5 Within the specified tolerance. Capacitance 4 1.2 × rated voltage (DC) shall be applied for 1 to 5s. Charge / discharge current shall not exceed 50mA. Withstand test voltage without insulation breakdown or other damage. Voltage Proof 3 1.0±0.2V rms 1kHz±10% Class 2 0.5 - 5 V rms 1MHz±10% Class 1 Measuring Voltage Measuring Frequency Class 0.03 max. X7R D.F. T.C. 400+20×C min. Under 30pF 1,000 min. 30pF and over Q Rated Capacitance 0 ± 30 (ppm/ºC) C0G Temperature Coefficient T.C. X7R: ± 15% No Voltage Applied Temperature (ºC) Step Max. operating temp. ± 2 4 Reference temp. ± 2 3 Min. operating temp. ± 2 2 Reference temp. ± 2 1 Pushing force P.C. board Capacitor |
Similar Part No. - C4520C0G3F100F |
|
Similar Description - C4520C0G3F100F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |