Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603 Datasheet(PDF) 32 Page - TDK Electronics

Part # C0603
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603 Datasheet(HTML) 32 Page - TDK Electronics

Back Button C0603 Datasheet HTML 28Page - TDK Electronics C0603 Datasheet HTML 29Page - TDK Electronics C0603 Datasheet HTML 30Page - TDK Electronics C0603 Datasheet HTML 31Page - TDK Electronics C0603 Datasheet HTML 32Page - TDK Electronics C0603 Datasheet HTML 33Page - TDK Electronics C0603 Datasheet HTML 34Page - TDK Electronics C0603 Datasheet HTML 35Page - TDK Electronics C0603 Datasheet HTML 36Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0 ± 60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
470 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H471K050BA
± 5%
C1005CH1H471J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H471K080AA
± 5%
C1608CH1H471J080AA
560 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H561K050BA
± 5%
C1005CH1H561J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H561K080AA
± 5%
C1608CH1H561J080AA
680 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H681K050BA
± 5%
C1005CH1H681J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H681K080AA
± 5%
C1608CH1H681J080AA
820 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H821K050BA
± 5%
C1005CH1H821J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H821K080AA
± 5%
C1608CH1H821J080AA
1 nF
1005
0.50 ± 0.05
± 10%
C1005CH1H102K050BA
± 5%
C1005CH1H102J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H102K080AA
± 5%
C1608CH1H102J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H102K060AA
± 5%
C2012CH1H102J060AA
1.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H122K080AA
± 5%
C1608CH1H122J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H122K060AA
± 5%
C2012CH1H122J060AA
1.5 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H152K080AA
± 5%
C1608CH1H152J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H152K060AA
± 5%
C2012CH1H152J060AA
1.8 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H182K080AA
± 5%
C1608CH1H182J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H182K060AA
± 5%
C2012CH1H182J060AA
2.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H222K080AA
± 5%
C1608CH1H222J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H222K060AA
± 5%
C2012CH1H222J060AA
0.85 ± 0.15
± 5%
C2012CH1H222J085AA
2.7 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H272K080AA
± 5%
C1608CH1H272J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H272K060AA
± 5%
C2012CH1H272J060AA
3.3 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H332K080AA
± 5%
C1608CH1H332J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H332K060AA
± 5%
C2012CH1H332J060AA
1.25 ± 0.20
± 5%
C2012CH1H332J125AA
3.9 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H392K080AA
± 5%
C1608CH1H392J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H392K060AA
± 5%
C2012CH1H392J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H392K060AA
± 5%
C3216CH1H392J060AA
4.7 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H472K080AA
± 5%
C1608CH1H472J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H472K060AA
± 5%
C2012CH1H472J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H472K060AA
± 5%
C3216CH1H472J060AA
Page 31
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en


Similar Part No. - C0603

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603 TDK-C0603 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com