Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603 Datasheet(PDF) 26 Page - TDK Electronics

Part # C0603
Description  Multilayer Ceramic Chip Capacitors General use
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603 Datasheet(HTML) 26 Page - TDK Electronics

Back Button C0603 Datasheet HTML 22Page - TDK Electronics C0603 Datasheet HTML 23Page - TDK Electronics C0603 Datasheet HTML 24Page - TDK Electronics C0603 Datasheet HTML 25Page - TDK Electronics C0603 Datasheet HTML 26Page - TDK Electronics C0603 Datasheet HTML 27Page - TDK Electronics C0603 Datasheet HTML 28Page - TDK Electronics C0603 Datasheet HTML 29Page - TDK Electronics C0603 Datasheet HTML 30Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
(25/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: JB(±10%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
1µF
1005
0.50±0.05
±10%
C1005JB1C105K(050BC)
±20%
C1005JB1C105M(050BC)
1608
0.80±0.10
±10%
C1608JB1H105K(080AB)
C1608JB1V105K(080AB)
C1608JB1E105K(080AB)
C1608JB1C105K(080AA)
±20%
C1608JB1H105M(080AB)
C1608JB1V105M(080AB)
C1608JB1E105M(080AB)
C1608JB1C105M(080AA)
2012
0.85±0.10
±10%
C2012JB1H105K(085AB)
C2012JB1V105K(085AB)
C2012JB1E105K(085AC)
C2012JB1C105K(085AC)
±20%
C2012JB1H105M(085AB)
C2012JB1V105M(085AB)
C2012JB1E105M(085AC)
C2012JB1C105M(085AC)
1.25±0.10
±10%
C2012JB1H105K(125AB)
C2012JB1E105K(125AA)
±20%
C2012JB1H105M(125AB)
C2012JB1E105M(125AA)
3216
1.60±0.10
±10%
C3216JB1H105K(160AA)
±20%
C3216JB1H105M(160AA)
1.5µF
1608
0.80±0.10
±10%
C1608JB1E155K(080AC)
C1608JB1C155K(080AB)
±20%
C1608JB1E155M(080AC)
C1608JB1C155M(080AB)
2012
0.85±0.10
±10%
C2012JB1E155K(085AC)
±20%
C2012JB1E155M(085AC)
1.25±0.10
±10%
C2012JB1H155K(125AB)
C2012JB1V155K(125AB)
C2012JB1E155K(125AB)
C2012JB1C155K(125AA)
±20%
C2012JB1H155M(125AB)
C2012JB1V155M(125AB)
C2012JB1E155M(125AB)
C2012JB1C155M(125AA)
3216
1.60±0.10
±10%
C3216JB1H155K(160AB)
±20%
C3216JB1H155M(160AB)
2.2µF
1608
0.80±0.10
±10%
C1608JB1V225K(080AC)
C1608JB1E225K(080AC)
C1608JB1C225K(080AB)
±20%
C1608JB1V225M(080AC)
C1608JB1E225M(080AC)
C1608JB1C225M(080AB)
2012
0.85±0.10
±10%
C2012JB1H225K(085AB)
C2012JB1V225K(085AB)
±20%
C2012JB1H225M(085AB)
C2012JB1V225M(085AB)
1.25±0.10
±10%
C2012JB1E225K(125AC)
C2012JB1C225K(125AA)
±20%
C2012JB1E225M(125AC)
C2012JB1C225M(125AA)
1.25±0.20
±10%
C2012JB1H225K(125AB)
C2012JB1V225K(125AB)
±20%
C2012JB1H225M(125AB)
C2012JB1V225M(125AB)
3216
1.60±0.20
±10%
C3216JB1H225K(160AB)
±20%
C3216JB1H225M(160AB)
3.3µF
1608
0.80±0.10
±10%
C1608JB1C335K(080AC)
±20%
C1608JB1C335M(080AC)
2012
0.60±0.10
±10%
C2012JB1C335K(060AC)
±20%
C2012JB1C335M(060AC)
0.85±0.10
±10%
C2012JB1E335K(085AC)
C2012JB1C335K(085AB)
±20%
C2012JB1E335M(085AC)
C2012JB1C335M(085AB)
1.25±0.10
±10%
C2012JB1E335K(125AB)
C2012JB1C335K(125AB)
±20%
C2012JB1E335M(125AB)
C2012JB1C335M(125AB)
1.25±0.20
±10%
C2012JB1H335K(125AB)
C2012JB1V335K(125AB)
±20%
C2012JB1H335M(125AB)
C2012JB1V335M(125AB)
3216
1.60±0.10
±10%
C3216JB1H335K(160AB)
C3216JB1V335K(160AB)
±20%
C3216JB1H335M(160AB)
C3216JB1V335M(160AB)
4.7µF
1608
0.80±0.10
±10%
C1608JB1C475K(080AC)
±20%
C1608JB1C475M(080AC)
2012
0.60±0.10
±10%
C2012JB1C475K(060AC)
±20%
C2012JB1C475M(060AC)
0.85±0.10
±10%
C2012JB1E475K(085AC)
C2012JB1C475K(085AB)
±20%
C2012JB1E475M(085AC)
C2012JB1C475M(085AB)
1.25±0.10
±10%
C2012JB1E475K(125AB)
C2012JB1C475K(125AB)
±20%
C2012JB1E475M(125AB)
C2012JB1C475M(125AB)
1.25±0.20
±10%
C2012JB1H475K(125AB)
C2012JB1V475K(125AB)
±20%
C2012JB1H475M(125AB)
C2012JB1V475M(125AB)
3216
0.85±0.10
±10%
C3216JB1H475K(085AB)
C3216JB1V475K(085AB)
±20%
C3216JB1H475M(085AB)
C3216JB1V475M(085AB)
1.15±0.10
±10%
C3216JB1E475K(115AB)
±20%
C3216JB1E475M(115AB)
1.60±0.10
±10%
C3216JB1E475K(160AA)
±20%
C3216JB1E475M(160AA)
1.60±0.20
±10%
C3216JB1H475K(160AB)
C3216JB1V475K(160AB)
±20%
C3216JB1H475M(160AB)
C3216JB1V475M(160AB)
3225
2.50±0.20
±10%
C3225JB1H475K(250AB)
±20%
C3225JB1H475M(250AB)
6.8µF
2012
0.85±0.10
±10%
C2012JB1C685K(085AC)
±20%
C2012JB1C685M(085AC)
1.25±0.10
±10%
C2012JB1E685K(125AC)
C2012JB1C685K(125AB)
±20%
C2012JB1E685M(125AC)
C2012JB1C685M(125AB)
3216
1.60±0.10
±10%
C3216JB1H685K(160AB)
C3216JB1V685K(160AB)
C3216JB1E685K(160AB)
±20%
C3216JB1H685M(160AB)
C3216JB1V685M(160AB)
C3216JB1E685M(160AB)
4532
2.50±0.30
±10%
C4532JB1H685K(250KA)
±20%
C4532JB1H685M(250KA)


Similar Part No. - C0603

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603 TDK-C0603 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com