Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MM74HC132 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MM74HC132
Description  Quad 2-Input NAND Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74HC132 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA) −40
+125
°C
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = -40 to 85°CTA = -40 to 125°C
Units
Typ
Guaranteed Limits
VT+
Positive Going
Min
2.0V
1.0
1.0
1.0
V
Threshold Voltage
4.5V
2.0
2.0
2.0
V
6.0V
3.0
3.0
3.0
V
Max
2.0V
1.5
1.5
1.5
V
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VT−
Negative Going
Min
2.0V
0.3
0.3
0.3
V
Threshold Voltage
4.5V
0.9
0.9
0.9
V
6.0V
1.2
1.2
1.2
V
Max
2.0V
1.0
1.0
1.0
V
4.5V
2.2
2.2
2.2
V
6.0V
3.0
3.0
3.0
V
VH
Hysteresis Voltage
Min
2.0V
0.2
0.2
0.2
V
4.5V
0.4
0.4
0.4
V
6.0V
0.5
0.5
0.5
V
Max
2.0V
1.0
1.0
1.0
V
4.5V
1.4
1.4
1.4
V
6.0V
1.5
1.5
1.5
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
2.0V
2.0
1.9
1.9
1.9
V
Output Voltage
|IOUT| ≤ 20 µA
4.5V
4.5
4.4
4.4
4.4
V
VIN = VIH or VIL
6.0V
6.0
5.9
5.9
5.9
V
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH or VIL
2.0V
0
0.1
0.1
0.1
V
Output Voltage
|IOUT| ≤ 20 µA
4.5V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
6.0V
0
0.1
0.1
0.1
V
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
2.0
20
40
µA
Supply Current
IOUT = 0 µA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn