Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1H680K030BA Datasheet(PDF) 10 Page - TDK Electronics

Part # C0603C0G1H680K030BA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1H680K030BA Datasheet(HTML) 10 Page - TDK Electronics

Back Button C0603C0G1H680K030BA Datasheet HTML 6Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 7Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 8Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 9Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 10Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 11Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 12Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 13Page - TDK Electronics C0603C0G1H680K030BA Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Page 9
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130612 / mlcc_commercial_general_en
EIA CC0402 [C1005]
0.50 mm
X5R
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
220
221
K: ± 10%
M: ± 20%
330
331
470
471
680
681
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
10,000,000
106
X6S
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
10,000
103
K: ± 10%
M: ± 20%
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
0.50 mm
Capacitance
Range Chart
Standard Thickness
Capacitance Range Chart
Temperature Characteristics: X5R (± 15%)
Rated Voltage: 50V (1H), 35V (1V), 25V (1E), 16V (1C), 10V (1A), 6.3V(0J), 4V (0G)
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
Capacitance Range Chart
Temperature Characteristics: X6S (±22%)
Rated Voltage: 50V (1H), 35V (1V), 25V (1E), 16V (1C), 10V (1A), 6.3V(0J), 4V (0G)
Standard Thickness


Similar Part No. - C0603C0G1H680K030BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1H680K030BA TDK-C0603C0G1H680K030BA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1H680K030BA TDK-C0603C0G1H680K030BA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1H680K030BA TDK-C0603C0G1H680K030BA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1H680K030BA TDK-C0603C0G1H680K030BA Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1H680K030BA TDK-C0603C0G1H680K030BA Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603C0G1H680K030BA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com