Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP00A-20-41SX005 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # SP00A-20-41SX005
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP00A-20-41SX005 Datasheet(HTML) 3 Page - Amphenol Corporation

  SP00A-20-41SX005 Datasheet HTML 1Page - Amphenol Corporation SP00A-20-41SX005 Datasheet HTML 2Page - Amphenol Corporation SP00A-20-41SX005 Datasheet HTML 3Page - Amphenol Corporation SP00A-20-41SX005 Datasheet HTML 4Page - Amphenol Corporation SP00A-20-41SX005 Datasheet HTML 5Page - Amphenol Corporation SP00A-20-41SX005 Datasheet HTML 6Page - Amphenol Corporation SP00A-20-41SX005 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4
wall mounting receptacle
Amphenol PT, SP, MS/PT
Proprietary/MIL-C-26482, Series 1
solder type
cable connecting receptacle*
box mounting receptacle
straight plug
jam nut receptacle
thru bulkhead receptacle
Amphenol® solder contact miniature cylindrical connectors
meet the most critical application needs. Design versatility
combined with high reliability performance makes these
series of Miniature Cylindrical Connectors ideal for envi-
ronmental sealing or pressurized applications.
The MS/PT Series is qualified to MIL-C-26482, Series 1 and
has all the outstanding design characteristics and quality of the
PT Series. The SP Series is a modification of the PT, providing
special shells with a wide mounting flange for back panel
mounting.
A corrosion resistant electrically conductive finish of cadmium
plate with an olive drab chromate after-treatment is used on the
PT and MS/PT. The SP is given a durable non-conductive hard
anodic “Alumilite”® coating which provides abrasion protection
and resistance to corrosion.
Shell components for these series are aluminum. The depend-
able 5 key/keyway polarization with bayonet lock coupling
assures positive mating with no chance of cross plugging.
Spring tension provided by a wave washer in the coupling nut
ensures maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gas-
ket and superior electrical isolation of the contact in the insert.
Both pins and sockets are machined from a copper alloy and
are gold plated. This gold plating eliminates contact corrosion
and offers an indefinite shelf life. Socket contacts for these
series are a closed entry design. Printed circuit board contacts
are also available.
The PT, SP and MS/PT Series are intermateable and inter-
mountable with all existing Miniature Cylindrical Series connec-
tors except for the threaded coupling PC Series.
PT Solder is UL recognized under file #E115497, Volume 1,
Section 5.
Refer to pages 56-61 for insert arrangement availability.
PT, SP, MS/PT
† Silver plated wire per MIL-C-26482
* This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with a straight or 90 degree plug.
MIL-SPEC CONTACT DATA/CONNECTOR RATINGS
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt Drop†
Solder Well
Diameter
Solder Well
Depth
20
7.5
55
.046
.125
16
13.0
50
.078
.188
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
®
+.004
–.000
+.031
–.000
+.005
–.003
+.031
–.000


Similar Part No. - SP00A-20-41SX005

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SP00 COOPER-SP00 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Infineon Technologies A...
SP0000-83655 INFINEON-SP0000-83655 Datasheet
78Kb / 4P
   IGBT Chip in Fieldstop-technology
02.06.2005, Edition 1.0
SP0000-87977 INFINEON-SP0000-87977 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87978 INFINEON-SP0000-87978 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87979 INFINEON-SP0000-87979 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
More results

Similar Description - SP00A-20-41SX005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com